Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1352P
Description  CC2652R SimpleLink™ Multiprotocol 2.4 GHz Wireless MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352P Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
8.5 Power Consumption - Power Modes
When measured on the CC26x2REM-7ID reference design with Tc = 25 °C, VDDS = 3.0 V with DC/DC enabled unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Core Current Consumption
Icore
Reset and
Shutdown
Reset. RESET_N pin asserted or VDDS below power-on-reset
threshold
150
nA
Shutdown. No clocks running, no retention
150
Standby
without cache
retention
RTC running, CPU, 80 kB RAM and (partial) register retention.
RCOSC_LF
0.94
µA
RTC running, CPU, 80 kB RAM and (partial) register retention
XOSC_LF
1.09
µA
Standby
with cache retention
RTC running, CPU, 80 kB RAM and (partial) register retention.
RCOSC_LF
3.2
µA
RTC running, CPU, 80 kB RAM and (partial) register retention.
XOSC_LF
3.3
µA
Idle
Supply Systems and RAM powered
RCOSC_HF
675
µA
Active
MCU running CoreMark at 48 MHz
RCOSC_HF
3.39
mA
Peripheral Current Consumption, (1), (2)
Iperi
Peripheral power
domain
Delta current with domain enabled
97.7
µA
Serial power domain Delta current with domain enabled
7.2
RF Core
Delta current with power domain enabled,
clock enabled, RF core idle
210.9
µDMA
Delta current with clock enabled, module is idle
63.9
Timers
Delta current with clock enabled, module is idle(5)
81.0
I2C
Delta current with clock enabled, module is idle
10.1
I2S
Delta current with clock enabled, module is idle
26.3
SSI
Delta current with clock enabled, module is idle
82.9
UART
Delta current with clock enabled, module is idle(3)
167.5
CRYPTO (AES)
Delta current with clock enabled, module is idle(4)
25.6
PKA
Delta current with clock enabled, module is idle
84.7
TRNG
Delta current with clock enabled, module is idle
35.6
Sensor Controller Engine Consumption
ISCE
Active mode
24 MHz, infinite loop
808.5
µA
Low-power mode
2 MHz, infinite loop
30.1
(1)
Adds to core current Icore for each peripheral unit activated.
(2)
Iperi is not supported in Standby or Shutdown modes.
(3)
Only one UART running
(4)
Only one SSI running
(5)
Only one GPTimer running
CC2652R
SWRS207J – JANUARY 2018 – REVISED NOVEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC2652R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61