Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 11 Page - Texas Instruments

Part # CC1352P
Description  CC2652R SimpleLink™ Multiprotocol 2.4 GHz Wireless MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352P Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments CC1352P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
8.6 Power Consumption - Radio Modes
When measured on the CC26x2REM-7ID reference design with Tc = 25 °C, VDDS = 3.0 V with DC/DC enabled unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Radio receive current
2440 MHz
6.9
mA
Radio transmit current
2.4 GHz PA (BLE)
0 dBm output power setting
2440 MHz
7.0
mA
+5 dBm output power setting
2440 MHz
9.2
mA
8.7 Nonvolatile (Flash) Memory Characteristics
Over operating free-air temperature range and VDDS = 3.0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Flash sector size
8
KB
Supported flash erase cycles before failure, full bank(1) (5)
30
k Cycles
Supported flash erase cycles before failure, single sector(2)
60
k Cycles
Maximum number of write operations per row before sector
erase(3)
83
Write
Operations
Flash retention
105 °C
11.4
Years at 105
°C
Flash sector erase current
Average delta current
10.7
mA
Flash sector erase time(4)
Zero cycles
10
ms
Flash write current
Average delta current, 4 bytes at a time
6.2
mA
Flash write time(4)
4 bytes at a time
21.6
µs
(1)
A full bank erase is counted as a single erase cycle on each sector
(2)
Up to 4 customer-designated sectors can be individually erased an additional 30k times beyond the baseline bank limitation of 30k
cycles
(3)
Each wordline is 2048 bits (or 256 bytes) wide. This limitation corresponds to sequential memory writes of 4 (3.1) bytes minimum
per write over a whole wordline. If additional writes to the same wordline are required, a sector erase is required once the maximum
number of write operations per row is reached.
(4)
This number is dependent on Flash aging and increases over time and erase cycles
(5)
Aborting flash during erase or program modes is not a safe operation.
8.8 Thermal Resistance Characteristics
THERMAL METRIC(1)
PACKAGE
UNIT
RGZ
(VQFN)
48 PINS
RθJA
Junction-to-ambient thermal resistance
23.4
°C/W(2)
RθJC(top)
Junction-to-case (top) thermal resistance
13.3
°C/W(2)
RθJB
Junction-to-board thermal resistance
8.0
°C/W(2)
ψJT
Junction-to-top characterization parameter
0.1
°C/W(2)
ψJB
Junction-to-board characterization parameter
7.9
°C/W(2)
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
°C/W(2)
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
°C/W = degrees Celsius per watt.
8.9 RF Frequency Bands
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
MIN
TYP
MAX
UNIT
Frequency bands
2360
2500
MHz
www.ti.com
CC2652R
SWRS207J – JANUARY 2018 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CC2652R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com