Electronic Components Datasheet Search
  English  ▼

X  

CD74AC04M Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74AC04M
Description  CDx4AC04 Hex Inverters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC04M Datasheet(HTML) 3 Page - Texas Instruments

  CD74AC04M Datasheet HTML 1Page - Texas Instruments CD74AC04M Datasheet HTML 2Page - Texas Instruments CD74AC04M Datasheet HTML 3Page - Texas Instruments CD74AC04M Datasheet HTML 4Page - Texas Instruments CD74AC04M Datasheet HTML 5Page - Texas Instruments CD74AC04M Datasheet HTML 6Page - Texas Instruments CD74AC04M Datasheet HTML 7Page - Texas Instruments CD74AC04M Datasheet HTML 8Page - Texas Instruments CD74AC04M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3 Pin Configuration and Functions
Figure 3-1. CD54AC04 J Package, 14-Pin CDIP; CD74AC04 N or D Package, 14-Pin SOIC or PDIP (Top
View)
Table 3-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1A
1
Input
Channel 1, Input A
1Y
2
Output
Channel 1, Output Y
2A
3
Input
Channel 2, Input A
2Y
4
Output
Channel 2, Output Y
3A
5
Input
Channel 3, Input A
3Y
6
Output
Channel 3, Output Y
GND
7
—
Ground
4Y
8
Output
Channel 4, Output Y
4A
9
Input
Channel 4, Input A
5Y
10
Output
Channel 5, Output Y
5A
11
Input
Channel 5, Input A
6Y
12
Output
Channel 6, Output Y
6A
13
Input
Channel 6, Input A
VCC
14
—
Positive Supply
www.ti.com
CD54AC04, CD74AC04
SCHS305E – JANUARY 2001 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54AC04 CD74AC04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com