Electronic Components Datasheet Search
  English  ▼

X  

CD74AC04M Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74AC04M
Description  CDx4AC04 Hex Inverters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC04M Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC04M Datasheet HTML 1Page - Texas Instruments CD74AC04M Datasheet HTML 2Page - Texas Instruments CD74AC04M Datasheet HTML 3Page - Texas Instruments CD74AC04M Datasheet HTML 4Page - Texas Instruments CD74AC04M Datasheet HTML 5Page - Texas Instruments CD74AC04M Datasheet HTML 6Page - Texas Instruments CD74AC04M Datasheet HTML 7Page - Texas Instruments CD74AC04M Datasheet HTML 8Page - Texas Instruments CD74AC04M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CDx4AC04 Hex Inverters
1 Features
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
voltage
• Speed of Bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24ma output drive current
– Fanout to 15 F Devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015
2 Description
The 'AC04 devices contain six independent inverters.
The devices perform the Boolean function Y = A.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CDx4AC04
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.9mm
N (PDIP, 14)
19.3mm × 9.4mm
19.3mm × 6.35mm
J (CDIP, 14)
19.56 mm x 6.67mm
19.56mm x 6.67mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Simplified Schematic
CD54AC04, CD74AC04
SCHS305E – JANUARY 2001 – REVISED AUGUST 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74AC04M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC04M TI-CD74AC04M Datasheet
31Kb / 6P
Hex Inverters
CD74AC04M TI-CD74AC04M Datasheet
878Kb / 14P
Balanced Propagation Delays
CD74AC04M TI1-CD74AC04M Datasheet
889Kb / 14P
AC Types Feature 1.5-V to 5.5-V Operation
CD74AC04M TI2-CD74AC04M Datasheet
1Mb / 24P
CDx4AC04 Hex Inverters
REVISED AUGUST 2024
CD74AC04M96 TI-CD74AC04M96 Datasheet
878Kb / 14P
Balanced Propagation Delays
More results

Similar Description - CD74AC04M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com