Electronic Components Datasheet Search
  English  ▼

X  

MS6712 Datasheet(PDF) 15 Page - MOSA ELECTRONICS

Part # MS6712
Description  4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6712 Datasheet(HTML) 15 Page - MOSA ELECTRONICS

Back Button MS6712 Datasheet HTML 9Page - MOSA ELECTRONICS MS6712 Datasheet HTML 10Page - MOSA ELECTRONICS MS6712 Datasheet HTML 11Page - MOSA ELECTRONICS MS6712 Datasheet HTML 12Page - MOSA ELECTRONICS MS6712 Datasheet HTML 13Page - MOSA ELECTRONICS MS6712 Datasheet HTML 14Page - MOSA ELECTRONICS MS6712 Datasheet HTML 15Page - MOSA ELECTRONICS MS6712 Datasheet HTML 16Page - MOSA ELECTRONICS MS6712 Datasheet HTML 17Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
MOSA
MS6712
4 Stereo Inputs / 4-Channel Outputs Audio Processor
REV1.0
15
www.mosanalog.com
DEMO BOARD
The demo board used IR technique controller to control the MS6712. The default states of demo board are Stereo 4,
Input Gain 0dB, Volume –20dB, Attenuator Speakers 0dB, Loudness Off, Bass 0dB and Treble 0dB.
Label 1: Supply Voltage
The AVDD and DVDD should be the same supply voltage, the supply range is 2.7~5.5 VDC.
Label 2: LED Indicator
The LEDs indicate stereo input channel , IR received status and power status. It is red-dark blink once when the MCU
has received the function code correctly.
Label 3: Output Section
There are four output channels in the section that divide into front output and rear output. Please connected to a post-
power-amplifier, as active speaker.
Label 4: Input Section
There are four stereo inputs in the section. Please input stereo audio signal, as music or sine wave.
Label 5: MCU Reset
The MS6712 will be loaded the default values by MCU. The default states are Stereo 4, Input Gain 0dB, Volume –20dB,
Attenuator Speakers 0dB, Loudness Off, Bass 0dB and Treble 0dB. The stereo 4 is connected internally, but not
available on pins.
1
2
3
1
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com