Electronic Components Datasheet Search
  English  ▼

X  

MS6712 Datasheet(PDF) 17 Page - MOSA ELECTRONICS

Part # MS6712
Description  4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6712 Datasheet(HTML) 17 Page - MOSA ELECTRONICS

Back Button MS6712 Datasheet HTML 9Page - MOSA ELECTRONICS MS6712 Datasheet HTML 10Page - MOSA ELECTRONICS MS6712 Datasheet HTML 11Page - MOSA ELECTRONICS MS6712 Datasheet HTML 12Page - MOSA ELECTRONICS MS6712 Datasheet HTML 13Page - MOSA ELECTRONICS MS6712 Datasheet HTML 14Page - MOSA ELECTRONICS MS6712 Datasheet HTML 15Page - MOSA ELECTRONICS MS6712 Datasheet HTML 16Page - MOSA ELECTRONICS MS6712 Datasheet HTML 17Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
MOSA
MS6712
4 Stereo Inputs / 4-Channel Outputs Audio Processor
REV1.0
17
www.mosanalog.com
Circuit
Y1
12M
RST
1
P3.0
2
P3.1
3
XTAL2
4
XTAL1
5
P3.2
6
P3.3
7
P3.4
8
P3.5
9
GND
10
Vcc
20
P1.7
19
P1.6
18
P1.5
17
P1.4
16
P1.3
15
P1.2
14
P1.1
13
P1.0
12
P3.7
11
U1
AT89X51
1
2
J1
DVCC
R4
10K
S1
RST
IR_IN
+ C3
10u
C6
20P
C7
20P
DVCC
VS
3
IR
1
GND
2
J2
IR
R3
10K
+ C5
470p
+
C2
47u
IR_IN
R1
220
SDA
SCL
J5
AVDD
C13
10u
C14
10u
C15
10u
C16
10u
C17
10u
C18
10u
C27
22u
+
C19
2.2u
C8
10u
C11
10u
C25
10u
C24
10u
C26
2.2u
R5
5.6K
R6
5.6K
+
C23
0.1u
+
C22
0.1u
+
C21
0.1u
+
C20
0.1u
+
C31
0.1u
+
C30
0.1u
+
C29
2.7n
+
C28
2.7n
+
C9
0.1u
SDA
SCL
AVDD
W1
Jumper
J6
FRONT_OUT
J11
IN1
J8
IN4
J9
IN3
J10
IN2
J7
INPUT
1
2
3
J3
LCD
RX
TX
RX
TX
+
C10
0.1u
+
C4
0.1u
+ C1
10u
+
C12
10u
R2
1K
D1
Power
REF
1
VDD
2
AGND
3
TREB_L
5
TREB_R
6
RIN
7
ROUT
8
LOUD_R
9
RIN4
10
RIN3
11
RIN2
12
NC
14
LOUD_L
15
LIN4
16
LIN3
17
LIN2
18
LIN1
19
LIN
20
LOUT
21
BIN_L
22
BOUT_L
23
BIN_R
24
BOUT_R
25
RROUT
26
LROUT
27
RFOUT
28
CODE
4
RIN1
13
LFOUT
29
DGND
30
SDA
31
SCL
32
U2
MS6712
C32
10u
C33
10u
J12
REAR_OUT
J4
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com