Electronic Components Datasheet Search
  English  ▼

X  

51163 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51163
Description  Connector Housings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

51163 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51163 Datasheet HTML 1Page - Molex Electronics Ltd. 51163 Datasheet HTML 2Page - Molex Electronics Ltd. 51163 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-
-
-
-
-
-
-
-
Documents & Resources
Drawings
Drawing 511630241_sd.pdf
Specifications
Product Specification 511630000-PS-000.pdf
Product Environment Compliance
Compliance
Multiple Part Product Compliance Statements
Eu RoHS
REACH SVHC
Low-Halogen
Multiple Part Industry Compliance Documents
IPC 1752A Class C
IPC 1752A Class D
Molex Product Compliance Declaration
IEC-62474
chemSHERPA (xml)
Part Number : 511630241
Product Description : 2.50mm Pitch, Mini-Lock
Receptacle Crimp Housing, Single Row,
Positive Lock, 2 Circuits, Black
Series Number : 51163
Status : Active
Product Category : Connector Housings
GADSL/IMDS
Not Relevant
China RoHS
EU ELV
Not Relevant
Low-Halogen Status
Not Low-Halogen per IEC 61249-2-
21
REACH SVHC
Not Contained per D(2023)3788-DC
(14 Jun 2023)
EU RoHS
Compliant per EU 2015/863


Similar Part No. - 51163

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51163 MOLEX-51163 Datasheet
127Kb / 3P
PCB Headers and Receptacles
Oct 04, 2023
51163-0200 MOLEX7-51163-0200 Datasheet
163Kb / 3P
2.50mm (.098") Pitch Wire-to-Board Receptacle Housing, Positive Lock, With Retainer2 Circuits
51163-0200 MOLEX11-51163-0200 Datasheet
36Kb / 1P
2.50mm Pitch Wire-to-Board Receptacle Housing, Positive Lock, with Retainer, 2
51163-0300 MOLEX7-51163-0300 Datasheet
291Kb / 5P
2.50mm (.098") Pitch Wire-to-Board Receptacle Housing, Positive Lock, With Retainer3 Circuits
51163-0300 MOLEX11-51163-0300 Datasheet
36Kb / 1P
2.50mm Pitch Wire-to-Board Receptacle Housing, Positive Lock, with Retainer, 3
More results

Similar Description - 51163

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E1341-01 HAMAMATSU-E1341-01 Datasheet
144Kb / 1P
Housings, Power and Signal Cables, Connector Adapters
logo
Weidmuller
0206160000 WEIDMULLER-0206160000 Datasheet
744Kb / 20P
Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
Component Carriers and Housings
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
Component Carriers and Housings
logo
FCI connector
863005A FCI-CONNECTOR-863005A Datasheet
68Kb / 1P
MALE SCREW FOR HOUSINGS
logo
List of Unclassifed Man...
2114T ETC1-2114T Datasheet
174Kb / 3P
Crimp Housings
OPI1270-018 ETC2-OPI1270-018 Datasheet
104Kb / 2P
Opaque plastic housings
logo
SICK AG
BEF-SG-W16 SICK-BEF-SG-W16 Datasheet
367Kb / 4P
Protective housings
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
Universal electronics housings
2017-08-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com