Electronic Components Datasheet Search
  English  ▼

X  

51163 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 51163
Description  Connector Housings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

51163 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  51163 Datasheet HTML 1Page - Molex Electronics Ltd. 51163 Datasheet HTML 2Page - Molex Electronics Ltd. 51163 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU RoHS Certificate of Compliance
Part Details
General
Physical
Mates With / Use With
Status
Active
Category
Connector Housings
Series
51163
Description
2.50mm Pitch, Mini-Lock
Receptacle Crimp Housing, Single
Row, Positive Lock, 2 Circuits, Black
Application
Signal, Wire-to-Board
Comments
GWT performed on end product as
per IEC 60695-2-11
Product Family
Mini-Lock Wire-to-Board Connector
System
Product Name
Mini-Lock
UPC
193264531042
Circuits (maximum)
2
Color - Resin
Black
Gender
Receptacle
Glow-Wire Capable
Yes - see comments above
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyamide
Net Weight
229.000/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.50mm
Stackable
No
Temperature Range - Operating
-55° to +105°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com