Electronic Components Datasheet Search
  English  ▼

X  

GC5322 Datasheet(PDF) 3 Page - Texas Instruments

Part # GC5322
Description  GC5322 Wideband Digital Predistortion Transmit Processor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5322 Datasheet(HTML) 3 Page - Texas Instruments

  GC5322 Datasheet HTML 1Page - Texas Instruments GC5322 Datasheet HTML 2Page - Texas Instruments GC5322 Datasheet HTML 3Page - Texas Instruments GC5322 Datasheet HTML 4Page - Texas Instruments GC5322 Datasheet HTML 5Page - Texas Instruments GC5322 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.ti.com
DETAILED DESCRIPTION
GC5322 Introduction
Baseband Interface
Gain/Pilot Insertion/AntCal Insertion/Power Meter
Digital Upconverters (DUCs)
GC5322
SLWS208 – JANUARY 2008
The GC5322 is a flexible transmit sector processor that includes a digital upconverter (DUC) block, a crest factor
reduction (CFR) block, and a digital predistortion (DPD) block and its associated feedback chain. The GC5322
processes composite input bandwidths of up to 40 MHz and processes DPD expansion bandwidths of up to 140
MHz (actual performance may vary for signal bandwidths exceeding 23 MHz). By reducing both the
peak-to-average ratio (PAR) of the input signals using the CFR block and linearizing the power amplifier (PA)
using the DPD block, the GC5322 reduces the costs of multicarrier PAs (MCPA) for wireless infrastructure
applications. The GC5322 applies CFR and DPD while a separate microprocessor (a Texas Instruments
TMS320C6727 DSP) is used to optimize performance levels and maintain target PA performance levels.
By including the GC5322 in their system architecture, manufacturers of BTS equipment can realize significant
savings on power amplifier bill of materials (BOM) and overall operational costs due to the PA efficiency
improvement. The GC5322 meets multicarrier 3G performance standards (PCDE, composite EVM, and ACLR) at
PAR levels down to 6.5 dB and improves the ACLR, at the PA output, by 20 dB to 30 dB or more. The GC5322
integrates easily into the transmit signal chain between baseband processors such as the Texas Instruments
TMS320C64x™ DSP family and their high-performance data converters.
A typical GC5322 system application would include the following transmit-chain components:
• TMS320C6727 digital signal processor (DSP)
• DAC5682 16-bit, 1-GSPS DAC (transmit path)
• CDCM7005 clock generator
• TRF3761 integrated VCO/PLL synthesizer
• TRF3703 quadrature modulator
• ADS5517 11-bit 200-MSPS or ADS5444 13-bit, 250-MSPS ADC (feedback path)
• AMC7823 analog monitoring and control circuit with GPIO and SPI
The GC5322 BB interface block accepts baseband signals over an interleaved parallel interface at a data rate of
up to 93.3 MHz. The input interface supports up to 12 separate baseband carriers. The GC5322 DUC block can
be programmed in a wideband mode in which users are required do channelize the data using an external
processor.
Baseband gain can be applied on a per-carrier basis to accurately control the individual channel power through
the system. Also present is the functionality for adding pilot codes to the data stream for antenna calibration
applications. Independent programmable RMS power meters for up to 12 channels are also included in this block
of the device.
The GC5322 DUC block digitally upconverts, spectrally shapes and combines multiple channels into one
wideband, composite signal. It can support:
• Up to twelve cdma2000/TDSCDMA carriers
• Up to four 5-MHz W-CDMA (UMTS) carriers
• Up to two 10-MHz OFDMA (WiMAX/WiBRO) channels
• One 20-MHz OFDMA (WiMAX/WiBRO) channel
Or, with reduced DPD expansion bandwidth:
• Up to four 10-MHz OFDMA (WiMAX/WiBRO) channels
• Up to two 20-MHz OFDMA channels
• One 40-MHz OFDMA channel
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): GC5322



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com