Electronic Components Datasheet Search
  English  ▼

X  

VND920 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND920
Description  Double channel high-side solid-state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND920 Datasheet HTML 7Page - STMicroelectronics VND920 Datasheet HTML 8Page - STMicroelectronics VND920 Datasheet HTML 9Page - STMicroelectronics VND920 Datasheet HTML 10Page - STMicroelectronics VND920 Datasheet HTML 11Page - STMicroelectronics VND920 Datasheet HTML 12Page - STMicroelectronics VND920 Datasheet HTML 13Page - STMicroelectronics VND920 Datasheet HTML 14Page - STMicroelectronics VND920 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
VND920
Electrical specifications
Doc ID 7767 Rev 6
11/26
RVSENSEH
Analog sense
output
impedance in
overtemperature
condition
VCC = 13 V; Tj > TTSD; output open
400
Ω
tDSENSE
Current sense
delay response
To 90% ISENSE
(1)
500
µs
1.
Current sense signal delay after positive input slope.
Table 10.
Protections(1)
1.
To ensure long term reliability under heavy over-load or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device operates under
abnormal conditions this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
135
°C
Thyst
Thermal hysteresis
7
15
°C
Ilim
Current limitation
VCC = 13 V
304575
A
5V < VCC < 36 V
75
A
Vdemag
Turn-off output clamp
voltage
IOUT = 2 A; VIN =0 V;
L= 6mH
VCC - 41 VCC - 48 VCC - 55
V
VON
Output voltage drop
limitation
IOUT = 1 A;
Tj = -40 °C...150 °C
50
mV
Table 11.
Truth table
Conditions
Input
Output
Sense
Normal operation
L
H
L
H
0
Nominal
Over-temperature
L
H
L
L
0
VSENSEH
Under-voltage
L
H
L
L
0
0
Over-voltage
L
H
L
L
0
0
Short circuit to GND
L
H
H
L
L
L
0
(Tj <TTSD) 0
(Tj >TTSD) VSENSEH
Short circuit to VCC
L
H
H
H
0
< Nominal
Negative output voltage clamp
L
L
0
Table 9.
Current sense (9 V
≤ VCC ≤ 16 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com