Electronic Components Datasheet Search
  English  ▼

X  

VND920 Datasheet(PDF) 20 Page - STMicroelectronics

Part # VND920
Description  Double channel high-side solid-state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VND920 Datasheet HTML 16Page - STMicroelectronics VND920 Datasheet HTML 17Page - STMicroelectronics VND920 Datasheet HTML 18Page - STMicroelectronics VND920 Datasheet HTML 19Page - STMicroelectronics VND920 Datasheet HTML 20Page - STMicroelectronics VND920 Datasheet HTML 21Page - STMicroelectronics VND920 Datasheet HTML 22Page - STMicroelectronics VND920 Datasheet HTML 23Page - STMicroelectronics VND920 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Package and PCB thermal data
VND920
20/26
Doc ID 7767 Rev 6
4
Package and PCB thermal data
4.1
SO-28 thermal data
Figure 21.
SO-28 PC board
Note:
Layout condition of Rth and Zth measurements (PCB FR4 area = 58 mm x 58 mm,
PCB thickness = 2 mm, Cu thickness = 35 µm, Copper areas: 0.5 cm2, 3 cm2, 6 cm2).
RthA = Thermal resistance Junction to Ambient with one chip ON
RthB = Thermal resistance Junction to Ambient with both chips ON and Pdchip1 =Pdchip2
RthC = Mutual thermal resistance
Table 13.
Thermal calculation according to the PCB heatsink area
Chip 1 Chip 2
Tjchip1
Tjchip2
Note
ON
OFF
RthA xPdchip1 +Tamb
RthC xPdchip1 +Tamb
OFF
ON
RthC xPdchip2 +Tamb
RthA xPdchip2 +Tamb
ON
ON
RthB x(Pdchip1 +Pdchip2)+ Tamb
RthB x(Pdchip1 +Pdchip2)+ Tamb
Pdchip1 =Pdchip2
ON
ON
(RthA xPdchip1)+ RthC xPdchip2 +Tamb (RthA xPdchip2)+ RthC xPdchip1 +Tamb Pdchip1 ≠ Pdchip2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com