Electronic Components Datasheet Search
  English  ▼

X  

DPS368 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # DPS368
Description  Pressure Sensor 2Go Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS368 Datasheet(HTML) 3 Page - Infineon Technologies AG

  DPS368 Datasheet HTML 1Page - Infineon Technologies AG DPS368 Datasheet HTML 2Page - Infineon Technologies AG DPS368 Datasheet HTML 3Page - Infineon Technologies AG DPS368 Datasheet HTML 4Page - Infineon Technologies AG DPS368 Datasheet HTML 5Page - Infineon Technologies AG DPS368 Datasheet HTML 6Page - Infineon Technologies AG DPS368 Datasheet HTML 7Page - Infineon Technologies AG DPS368 Datasheet HTML 8Page - Infineon Technologies AG DPS368 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Introduction
The DPS310/368 is a miniaturized digital barometric air pressure
sensor with ultra-high precision (
±2 cm) and a low current
consumption, capable of measuring both pressure and temperature
Due to the robust package of the DPS368, it can withstand harsh
environments e.g. 50 m under water for one hour (IPx8)
Both pressure sensor elements are based on a capacitive sensing
principle which guarantees high precision during temperature
changes. The small package makes the DPS310/368 ideal for
mobile applications and wearable devices
The internal signal processor converts the output from the pressure
and temperature sensor elements to 24 bit results. Each unit is
individually calibrated and the calibration coefficients calculated
during this process are stored in the calibration registers. The
coefficients are used in the application to convert the measurement
results to high accuracy pressure and temperature values
The result FIFO can store up to 32 measurement results, allowing
for a reduced host processor polling rate. Temperature and
Pressure measurement results are readable through the serial I2C
or SPI interface making it easily and quickly accessible by e.g.
Arduino IDE or Platform.IO with Arduino Extension
3
11/2/2022
Copyright © Infineon Technologies AG 2022. All rights reserved.
Link to Datasheet and Product Page
Link to Datasheet and Product Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com