Electronic Components Datasheet Search
  English  ▼

X  

DPS368 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # DPS368
Description  Pressure Sensor 2Go Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS368 Datasheet(HTML) 4 Page - Infineon Technologies AG

  DPS368 Datasheet HTML 1Page - Infineon Technologies AG DPS368 Datasheet HTML 2Page - Infineon Technologies AG DPS368 Datasheet HTML 3Page - Infineon Technologies AG DPS368 Datasheet HTML 4Page - Infineon Technologies AG DPS368 Datasheet HTML 5Page - Infineon Technologies AG DPS368 Datasheet HTML 6Page - Infineon Technologies AG DPS368 Datasheet HTML 7Page - Infineon Technologies AG DPS368 Datasheet HTML 8Page - Infineon Technologies AG DPS368 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Board Information
4
11/2/2022
Copyright © Infineon Technologies AG 2022. All rights reserved.
MAKE SURE THAT NO VOLTAGE
APPLIED TO ANY OF THE PINS
EXCEEDS THE ABSOLUTE
MAXIMUM RATING OF 4 V
XMC2Go
DPS310/368
Breakble
Head
I²C/SPI Switch
Connect the Micro-USB to your PC to power up the Kit2Go. PWR LED
turns green indicating proper power supply
Micro-USB delivers 5 V to power-up the Kit2Go. When breaking the board
apply no more than 3.3 V to the DPS
Pin out on the bottom (HEAD) is directly connected to the pins of the
DPS310/368
If the head is broken off:
− Two capacitors are connected to the DPS310/368
− MCU and Debugger can still be used
To use the I²C mode, place a pull-up resistors on the lines between
VDDIO-SDI and VDDIO-SCK (max. 10k
Ω each)
− Debugger can also be accessed via SV1
Software compatible with Arduino and library fully integrated into the
Arduino IDE with help of
Infineon’s GitHub page.
Standard delivery of the board (in terms of interface mode) is I²C with
Address 0x77 when the 0 Ohm resistors are soldered as shown on the
right picture
Sales Name: KIT_DPS310_2GO and KIT_DPS368_2GO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com