Electronic Components Datasheet Search
  English  ▼

X  

CD4053B Datasheet(PDF) 8 Page - Texas Instruments

Part # CD4053B
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 4Page - Texas Instruments CD4053B Datasheet HTML 5Page - Texas Instruments CD4053B Datasheet HTML 6Page - Texas Instruments CD4053B Datasheet HTML 7Page - Texas Instruments CD4053B Datasheet HTML 8Page - Texas Instruments CD4053B Datasheet HTML 9Page - Texas Instruments CD4053B Datasheet HTML 10Page - Texas Instruments CD4053B Datasheet HTML 11Page - Texas Instruments CD4053B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
5.5 Electrical Characteristics (continued)
Over operating free-air temperature range, VSUPPLY = ±5V, and RL = 100Ω, (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN TYP MAX UNIT
CONTROL (ADDRESS OR INHIBIT), VC
Input Low Voltage, VIL, Max
5V
–55°C
0.8
V
–40°C
0.8
25°C
0.8
85°C
0.8
125°C
0.8
10V
–55°C
0.8
–40°C
0.8
25°C
0.8
85°C
0.8
125°C
0.8
15V
–55°C
0.8
–40°C
0.8
25°C
0.8
85°C
0.8
125°C
0.8
Input High Voltage, VIH, Min
5V
–55°C
3.5
V
–40°C
3.5
25°C
3.5
85°C
3.5
125°C
3.5
10V
–55°C
7
–40°C
7
25°C
7
85°C
7
125°C
7
15V
–55°C
11
–40°C
11
25°C
11
85°C
11
125°C
11
Input current, IIN (Max)
VIN = 0, 18
18V
–55°C
±1
µA
–40°C
±1
25°C
±0.6
±1
85°C
±1
125°C
±1
Propa
gation
Delay
Time
Address-to-Signal OUT
(Channels ON or OFF) (See
Figure 10, Figure 11, and
Figure 15)
tr , tf = 20ns,
CL = 50pF,
RL = 10kΩ
0V
0V
5V
450
720
ns
0V
0V
10V
160
320
0V
0V
15V
120
240
–5V
0V
5V
225
450
Propa
gation
Delay
Time
Inhibit-to-Signal OUT (Channel
Turning ON) (See Figure 11)
tr , tf = 20ns,
CL = 50pF,
RL = 1kΩ
0V
0V
5V
400
720
ns
0V
0V
10V
160
320
0V
0V
15V
120
240
–10V
0V
5V
200
400
CD4051B, CD4052B, CD4053B
SCHS047N – AUGUST 1998 – REVISED FEBRUARY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com