Electronic Components Datasheet Search
  English  ▼

X  

CD4053B Datasheet(PDF) 13 Page - Texas Instruments

Part # CD4053B
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 9Page - Texas Instruments CD4053B Datasheet HTML 10Page - Texas Instruments CD4053B Datasheet HTML 11Page - Texas Instruments CD4053B Datasheet HTML 12Page - Texas Instruments CD4053B Datasheet HTML 13Page - Texas Instruments CD4053B Datasheet HTML 14Page - Texas Instruments CD4053B Datasheet HTML 15Page - Texas Instruments CD4053B Datasheet HTML 16Page - Texas Instruments CD4053B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
V
CD4051
DD
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
CD4052
DD
DD
DD
DD
DD
DD
DD
EE
EE
EE
EE
EE
EE
SS
SS
SS
SS
SS
SS
SS
SS
SS
CD4053
CLOCK
IN
CLOCK
IN
CLOCK
IN
R
R
R
C
C
C
OUTPUT
L
L
L
L
L
L
OUTPUT
OUTPUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 6-7. Propagation Delay – Address Input to Signal Output
V
V
t
AND t
V
CLOCK
DD
EE
PHL
PLH
SS
IN
R
OUTPUT
L
CD4051
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CD4052
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CD4053
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
V
V
V
V
V
V
V
OUTPUT
DD
DD
DD
DD
DD
DD
DD
DD
OUTPUT
t
AND t
t
AND t
R
R
V
CLOCK
PHL
PLH
PHL
PLH
L
L
SS
IN
CLOCK
IN
V
V
V
V
50pF
SS
SS
EE
EE
50pF
V
V
EE
SS
V
V
V
V
V
SS
SS
SS
SS
EE
V
50pF
EE
Figure 6-8. Propagation Delay – Inhibit Input to Signal Output
CD4051B
V
V
V
V
V
IL
IH
DD
IH
IL
1K
1K
µ
A
MEASURE < 2 A ON ALL
µ
“OFF” CHANNELS (e.g., CHANNEL 6)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
µ
A
V
V
V
V
1K
IL
IL
IH
IH
1K
V
MEASURE < 2 A ON ALL
DD
µ
“OFF” CHANNELS (e.g., CHANNEL by)
CD4053B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VIH
V
V
IH
IL
1K
1K
VDD
µ
A
MEASURE < 2 A ON ALL
µ
“OFF” CHANNELS (e.g., CHANNEL 2x)
VIL
CD4052B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Figure 6-9. Input Voltage Test Circuits (Noise Immunity)
CD4053
Ι
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CD4052
Ι
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
V
V
DD
DD
Figure 6-10. Quiescent Device Current
X-Y
PLOTTER
X
Y
1k
Ω
RANGE
TG
“ON”
KEITHLEY
160 DIGITAL
MULTIMETER
H.P.
MOSELEY
7030A
V
V
10k
SS
DD
Ω
Figure 6-11. Channel ON Resistance Measurement
Circuit
www.ti.com
CD4051B, CD4052B, CD4053B
SCHS047N – AUGUST 1998 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com