Electronic Components Datasheet Search
  English  ▼

X  

CD54HC283 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54HC283
Description  High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC283 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC283 Datasheet HTML 1Page - Texas Instruments CD54HC283 Datasheet HTML 2Page - Texas Instruments CD54HC283 Datasheet HTML 3Page - Texas Instruments CD54HC283 Datasheet HTML 4Page - Texas Instruments CD54HC283 Datasheet HTML 5Page - Texas Instruments CD54HC283 Datasheet HTML 6Page - Texas Instruments CD54HC283 Datasheet HTML 7Page - Texas Instruments CD54HC283 Datasheet HTML 8Page - Texas Instruments CD54HC283 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5.4 Electrical Characteristics
PARAMETER
TEST
CONDITIONS(2)
VCC
(V)
25
℃
–40
℃ to 85℃
–55
℃ to 125℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
VIH
High level input
voltage
2
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6
4.2
4.2
4.2
VIL
Low level input
voltage
2
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6
1.8
1.8
1.8
VOH
High level output
voltage
IOH = –20 μA
2
1.9
1.9
1.9
V
IOH = –20 μA
4.5
4.4
4.4
4.4
IOH = –20 μA
6
5.9
5.9
5.9
IOH = –4 mA
4.5
3.98
3.84
3.7
V
IOH = –5.2 mA
6
6
5.34
5.2
VOL
Low level output
voltage
IOL = 20 μA
2
0.1
0.1
0.1
V
IOL = 20 μA
4.5
0.1
0.1
0.1
IOL = 20 μA
6
0.1
0.1
0.1
IOL = 4 mA
4.5
0.26
0.33
0.4
V
IOL = 5.2 mA
6
0.26
0.33
0.4
II
Input leakage
current
VCC or GND
6
±0.1
±1
±1
µA
ICC
Supply current
VCC or GND
6
8
80
160
µA
HCT Types
VIH
High level input
voltage
4.5 to
5.5
2
2
2
V
VIL
Low level input
voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
High level output
voltage
IOH = – 20 μA
4.5
4.4
4.4
4.4
V
VOH
IOH = – 4 mA
4.5
3.98
3.84
3.7
V
VOL
Low level output
voltage
IOL = 20 μA
4.5
0.1
0.1
0.1
V
VOL
IOL = 4 mA
4.5
0.26
0.33
0.4
V
II
Input leakage
current
VCC to GND
5.5
±0.1
±1
±1
µA
ICC
Supply current
VCC or GND
5.5
8
80
160
µA
ΔICC (1)
Additional supply
current per input pin
CIN input held at
VCC – 2.1
4.5 to
5.5
100
540
675
735
µA
B1, A1, A0 inputs
held at VCC – 2.1
4.5 to
5.5
100
360
450
490
µA
B0 input held at
VCC – 2.1
4.5 to
5.5
100
144
180
196
µA
B3, A3, A2, B2
inputs held at VCC –
2.1
4.5 to
5.5
100
180
225
245
µA
(1)
For dual-supply systems theoretical worst case (VI = 2.4 V, VCC = 5.5 V) specification is 1.8 mA.
(2)
VI = VIH or VIL, unless otherwise noted.
www.ti.com
CD54HC283, CD74HC283, CD54HCT283, CD74HCT283
SCHS176E – NOVEMBER 1997 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54HC283 CD74HC283 CD54HCT283 CD74HCT283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com