Electronic Components Datasheet Search
  English  ▼

X  

CD54HC283 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC283
Description  High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC283 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC283 Datasheet HTML 1Page - Texas Instruments CD54HC283 Datasheet HTML 2Page - Texas Instruments CD54HC283 Datasheet HTML 3Page - Texas Instruments CD54HC283 Datasheet HTML 4Page - Texas Instruments CD54HC283 Datasheet HTML 5Page - Texas Instruments CD54HC283 Datasheet HTML 6Page - Texas Instruments CD54HC283 Datasheet HTML 7Page - Texas Instruments CD54HC283 Datasheet HTML 8Page - Texas Instruments CD54HC283 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
1 Features
• Adds two binary numbers
• Full internal lookahead
• Fast ripple carry for economical expansion
• Operates with both positive and negative logic
• Fanout (over temperature range)
– Standard outputs 10 LSTTL loads
– Bus driver outputs 15 LSTTL loads
• Wide operating temperature range: –55
℃ to 125℃
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
Logic ICs
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility,
VIL = 0.8 V (max), VIH = 2 V (min)
– CMOS input compatibility, II ≤ 1 µA at VOL, VOH
2 Description
The CDx4HC283 and CDx4HCT283 contain 4-bit
binary adders. The HCT device has TTL-voltage
compatible inputs.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD54HC283
J (CDIP, 16)
24.38 mm × 6.92 mm
CD74HC283CD74H
C283
D (SOIC, 16)
9.90 mm × 3.90 mm
N (PDIP, 16)
19.31 mm × 6.35 mm
CD74HCT283CD74
HCT283
D (SOIC, 16)
9.90 mm × 3.90 mm
N (PDIP, 16)
19.31 mm × 6.35 mm
(1)
For all packages see the orderable addendum at the end of
the datasheet.
Functional Diagram
CD54HC283, CD74HC283, CD54HCT283, CD74HCT283
SCHS176E – NOVEMBER 1997 – REVISED JULY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD54HC283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC283 TI-CD54HC283 Datasheet
265Kb / 11P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283 Datasheet
410Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283 Datasheet
550Kb / 14P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI1-CD54HC283 Datasheet
457Kb / 15P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI2-CD54HC283 Datasheet
889Kb / 20P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
REVISED JULY 2022
More results

Similar Description - CD54HC283

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
Texas Instruments
CD74HC283 TI-CD74HC283 Datasheet
41Kb / 6P
High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Texas Instruments
CD54HC283 TI-CD54HC283 Datasheet
265Kb / 11P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Texas Instruments
CD54HC283 TI-CD54HC283_07 Datasheet
410Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283_08 Datasheet
550Kb / 14P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
4-bit Binary Full Adder (with Fast Carry)
logo
Texas Instruments
CD54HC283 TI1-CD54HC283_14 Datasheet
457Kb / 15P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com