Electronic Components Datasheet Search
  English  ▼

X  

CDCE421ARGETG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # CDCE421ARGETG4
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE421ARGETG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCE421ARGETG4 Datasheet HTML 16Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 17Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 18Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 19Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 20Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 21Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 22Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 23Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Startup Time Estimation
t
=
REF
1
f
REF
Time(s)
2.27V
2.64V
t
pul
t
puh
t
rsu
t
delay
t
VCO_CAL
t
PLL_LOCK
Powerup
Reference
Startup
Delay
VCOCalibration
PLLLock
CDCE421A
SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
The startup time for the CDCE421A can be estimated based on the parameters defined in Table 16 and
illustrated in Figure 11.
Based on these parameters, the CDCE421A startup time limits tMAX and tMIN can be calculated as shown in these
equations:
tMAX = tpuh + trsu + tdelay + tVCO_CAL + tPLL_LOCK
tMIN = tpul + trsu + tdelay + tVCO_CAL + tPLL_LOCK
Table 16. Timing Definitions: Startup Time Dependencies
Parameter
Definition
Description
Formula/Method of Determination
The reciprocal of the applied reference
tREF
Reference Clock Period
frequency (in seconds).
Power-Up Time (low
Power-supply rise time to low limit of Power
Time required for Power Supply to
tpul
limit)
On Reset (POR) trip point.
ramp to 2.27 V.
Power-Up Time (high
Power-supply rise time to high limit of POR
Time required for Power Supply to
tpuh
limit)
trip point.
ramp to 2.64 V.
After POR releases, the Colpits oscillator is
enabled. This startup time is required for the
Best case: 500
µs
trsu
Reference Startup Time
oscillator to generate the requisite signal
Worst case: 800
µs (for a crystal input)
levels for the delay block to be clocked by
0 s (for an LVCMOS input)
the reference input.
Internal delay time generated from the
tdelay
Delay Time
reference clock. This delay provides time for
tdelay = 16384 × tREF
the reference oscillator to stabilize.
VCO Calibration Time generated from the
reference clock. This process selects the
tVCO_CAL
VCO Calibration Time
tVCO_CAL = 550 × tREF
operating point for the VCO based on the
PLL settings.
Time required for PLL to lock within ±10 ppm Based on the 400-kHz loop bandwidth,
tPLL_LOCK
PLL Lock Time
of fREF.
the PLL will settle in 5
τ or 12.5 µs.
Figure 11. Startup Time Dependencies
20
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com