Electronic Components Datasheet Search
  English  ▼

X  

CDCE421ARGETG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCE421ARGETG4
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE421ARGETG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCE421ARGETG4 Datasheet HTML 4Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 5Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 6Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 7Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 8Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 9Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 10Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 11Page - Texas Instruments CDCE421ARGETG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Outputs (LVPECL or LVDS)
CDCE421A
SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
Table 4 summarizes all valid programming commands for the CDCE421A.
Table 4. CDCE421A Programming Commands
SDATA
FUNCTION
001100
Enter Programming Mode (State 1
→State 2); bits must be sent in the specified order with the
specified timing. Otherwise a time-out occurs.
111011
Enter Register Readback Mode; bits must be sent in the specified order with the specified timing.
Otherwise a time-out occurs.
000 xxxx xxxx
Write to Word0 (State 2)(1)(2)(3)
100 xxxx xxxx
Write to Word1 (State 2)(1)(2)(3)
010 xxxx xxxx
Write to Word2 (State 2)(1)(2)(3)
110 xxxx xxxx
Write to Word3 (State 2)(1)(2)(3)
001 xxxx xxxx
Write to Word4 (State 2)(1)(2)(3)
101 xxxx xxxx
Write to Word5 (State 2)(1)(2)(3)
111 xxxx xxxx
State Machine Jump: All other patterns not defined as below cause Exit to Normal Mode
111 1111 0000
Jump: Enter EEPROM programming without EEPROM lock (State2
→State 3)
111 0101 0101
Jump: Enter EEPROM programming with EEPROM lock (State 2
→State 4)
111 0000 0000
Jump: Exit EEPROM programming (State 3 or State 4
→State 1)
(1)
Each rising edge causes a bit to be latched.
(2)
In between the bits, some longer time delays can occur, but these delays have no effect on the data.
(3)
A Write to WordX instruction is expected to be 10 bits long. After the tenth bit, the respective word is latched, and its effect can be
observed as a look-ahead function.
The CDCE421A device has two sets of output drivers, LVPECL and LVDS, where the outputs are wire-ORed
together. Only one output can be selected at a given time; the other output goes to a high-impedance (Hi-Z)
state.
If the device is configured for LVPECL outputs, the output buffers go to Hi-Z ,and the termination resistors
determine the state of the output (LVPECLP = LVPECLN = Hi-Z) in the device disable mode (CE = L). If the
device is configured in LVDS mode, the outputs go to a Hi-Z state if the device is disabled (CE = L).
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com