Electronic Components Datasheet Search
  English  ▼

X  

DAC7632 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7632
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7632 Datasheet(HTML) 2 Page - Texas Instruments

  DAC7632 Datasheet HTML 1Page - Texas Instruments DAC7632 Datasheet HTML 2Page - Texas Instruments DAC7632 Datasheet HTML 3Page - Texas Instruments DAC7632 Datasheet HTML 4Page - Texas Instruments DAC7632 Datasheet HTML 5Page - Texas Instruments DAC7632 Datasheet HTML 6Page - Texas Instruments DAC7632 Datasheet HTML 7Page - Texas Instruments DAC7632 Datasheet HTML 8Page - Texas Instruments DAC7632 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DAC7632
2
SBAS234A
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
VCC and VDD to VSS .............................................................. –0.3V to 11V
VCC and VDD to GND ........................................................... –0.3V to 5.5V
VREFL to VSS ............................................................. –0.3V to (VCC – VSS)
VCC to VREFH ............................................................ –0.3V to (VCC – VSS)
VREFH to VREFL ......................................................... –0.3V to (VCC – VSS)
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to VDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
MONOTONICITY
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DAC7632VF
14 Bits
LQFP-32
VF
–40
°C to +85°C
DAC7632
DAC7632VFT
Tape and Reel, 250
"
""""
"
DAC7632VFR
Tape and Reel, 1000
DAC7632VFB
15 Bits
LQFP-32
VF
–40
°C to +85°C
DAC7632B
DAC7632VFB T
Tape and Reel, 250
"
""""
"
DAC7632VFB R
Tape and Reel, 1000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com