Electronic Components Datasheet Search
  English  ▼

X  

DAC7632 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC7632
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7632 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC7632 Datasheet HTML 9Page - Texas Instruments DAC7632 Datasheet HTML 10Page - Texas Instruments DAC7632 Datasheet HTML 11Page - Texas Instruments DAC7632 Datasheet HTML 12Page - Texas Instruments DAC7632 Datasheet HTML 13Page - Texas Instruments DAC7632 Datasheet HTML 14Page - Texas Instruments DAC7632 Datasheet HTML 15Page - Texas Instruments DAC7632 Datasheet HTML 16Page - Texas Instruments DAC7632 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DAC7632
13
SBAS234A
www.ti.com
FIGURE 2. Basic Single-Supply Operation of the DAC7632.
V
CC
AGND
AGND
NC
DGND
DGND
V
DD
SDO
V
SS
LOAD
LDAC
RST
RSTSEL
CS
SDI
CLK
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DAC7632
9
10
11
12
13
14
15
16
NC
NC = No Connection
NC
NC
NC
NC
NC
NC
NC
CLOCK
32
0.1
µF
31
30
29
28
+2.5V
27
26
25
V
OUTA
V
OUTA
Sense
V
REFL
Sense
V
REFL
V
REFH
V
REFH
Sense
V
OUTB
Sense
V
OUTB
SERIAL DATA IN
CHIP SELECT
RESET INPUT AND DAC REGISTERS
LOAD DAC REGISTERS
LOAD INPUT REGISTER(S)
0V to +2.5V
0V to +2.5V
+5V
1
µF
0.1
µF
+5V
1
µF
FIGURE 3. Basic Dual-Supply Operation of the DAC7632.
24
23
22
21
20
19
18
17
0.1
µF
1
µF
–5V
+5V
V
CC
AGND
AGND
NC
DGND
DGND
V
DD
SDO
V
SS
LOAD
LDAC
RST
RSTSEL
CS
SDI
CLK
1
2
3
4
5
6
7
8
DAC7632
9
10
11
12
13
14
15
16
NC
NC = No Connection.
NC
NC
NC
NC
NC
NC
NC
CLOCK
32
0.1
µF
31
30
29
28
+2.5V
27
26
25
V
OUTA
V
OUTA
Sense
V
REFL
Sense
V
REFL
V
REFH
V
REFH
Sense
V
OUTB
Sense
V
OUTB
SERIAL DATA IN
CHIP SELECT
RESET INPUT AND DAC REGISTERS
LOAD DAC REGISTERS
LOAD INPUT REGISTER(S)
–2.5V to
+2.5V
–2.5V
–2.5V to
+2.5V
+5V
1
µF
0.1
µF
+5V
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com