Electronic Components Datasheet Search
  English  ▼

X  

DAC70004 Datasheet(PDF) 26 Page - Texas Instruments

Part # DAC70004
Description  DACx0004, Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC70004 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC70004 Datasheet HTML 22Page - Texas Instruments DAC70004 Datasheet HTML 23Page - Texas Instruments DAC70004 Datasheet HTML 24Page - Texas Instruments DAC70004 Datasheet HTML 25Page - Texas Instruments DAC70004 Datasheet HTML 26Page - Texas Instruments DAC70004 Datasheet HTML 27Page - Texas Instruments DAC70004 Datasheet HTML 28Page - Texas Instruments DAC70004 Datasheet HTML 29Page - Texas Instruments DAC70004 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
FB
FB
OUT
POS
NEG
POS
NEG
R
R
V
DAC
DAC
R
R
=
´
-
´
1
A
FB
NEG
POS
1
1
1
R
R
R
R
-
æ
ö
=
+
-
ç
÷
è
ø
+
VOUT
RFB
RNEG
RPOS
OPA277
DACx0004
DACPOS
RA
DACNEG
VOUTA
VOUTB
26
DAC80004, DAC70004, DAC60004
SLASED6D – APRIL 2016 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.2 Typical Application - Digitally Controlled Asymmetric Bipolar Output
Figure 58. Asymmetric Bipolar Output Block Diagram
9.2.1 Design Requirements
This design requires two channels of the DACx0004 to generate a bipolar output. The design is very flexible and
allows for many different configurations. Typically, one channel is used to finely control the output, while the other
is used to offset the output. The direction of the offset depends on which channel is used as an offset. DACPOS
provides a positive offset and DACNEG has a negative offset.
9.2.2 Detailed Design Procedure
The output of each DAC can be modified via the digital interface and the gain of each output can be modified
independently by changing the external resistors. In order for the gain of each offset to be independent,
Equation 2 must be true.
(2)
The output voltage range, VOUT, is adjusted according to Equation 3. Keep in mind that Equation 3 is only true
when Equation 2 is true.
(3)
Each DAC outputs a voltage from 0 to REFIN. As an example, if DACPOS gain is 1, DACNEG gain is 2 and RFB =
2 kΩ, then RPOS = 2 kΩ, RNEG = 1 kΩ and RA = 1 kΩ. With the correct digital implementation it gives the output
an effective output range of ±15 V, with discrete 16-bit steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com