Electronic Components Datasheet Search
  English  ▼

X  

DAC70004 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC70004
Description  DACx0004, Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC70004 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC70004 Datasheet HTML 2Page - Texas Instruments DAC70004 Datasheet HTML 3Page - Texas Instruments DAC70004 Datasheet HTML 4Page - Texas Instruments DAC70004 Datasheet HTML 5Page - Texas Instruments DAC70004 Datasheet HTML 6Page - Texas Instruments DAC70004 Datasheet HTML 7Page - Texas Instruments DAC70004 Datasheet HTML 8Page - Texas Instruments DAC70004 Datasheet HTML 9Page - Texas Instruments DAC70004 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
DAC80004, DAC70004, DAC60004
SLASED6D – APRIL 2016 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
All minimum/maximum specifications at TA = -40°C to +125°C, 2.7 V ≤ VDD ≤ 5.5 V, 2.5 V ≤ REFIN
(1) ≤ VDD, R
load = 5 kΩ to
GND, Cload = 200 pF to GND (unless otherwise noted), Digital inputs held at 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
Time to exit power-down mode into normal mode. Measured from 32nd falling edge SCLK to 90% of DAC final value, Characterized at
mid scale.
DYNAMIC PERFORMANCE
Output voltage settling time
¼ to ¾ scale and ¾ to ¼ scale
settling to ±1 LSB, RL = 5 kΩ, Cload
= 200 pF to GND
5.8
8
µs
Slew rate
1.5
V/µs
Power-up time(5)
100
µs
Power-on glitch energy
Supply slew rate <5 V/msec
8
mV
Power-off glitch energy
DAC in power down mode (1 kΩ-
GND), Supply slew rate <5 V/msec
7
mV
Output noise
0.1 Hz to 10 Hz
5
µVpp
100 kHz BW
100
µVRMS
Output noise density
Measured at 1 kHz
60
nV/
√Hz
Measured at 10 kHz
55
THD
Total harmonic distortion
REFIN = 3 V ± 0.2 Vpp, Frequency =
10 kHz, DAC at mid scale, specified
by design
–80
dB
PSRR
AC power supply rejection ratio
200 mV 50 Hz and 60 Hz sine wave
superimposed on power supply
voltage (AC analysis)
-90
dB
Code change glitch impulse
1 LSB change around major carry,
Software LDAC mode
1
nV-s
Channel-to-channel AC (analog)
crosstalk
Full-scale swing on adjacent
channel, Hardware LDAC mode
1
nV-s
Channel-to-channel DC crosstalk
Full-scale swing on adjacent
channels, Measured channel at zero
scale
1
LSB
Full-scale swing on all channel,
Measured channel at zero scale
1
Digital crosstalk
DAC code mid scale, Adjacent input
buffer change from 0000h to FFFFh
or vice versa
0.2
nV-S
Reference feedthrough
REFIN = 3 V ± 0.86 Vpp, Frequency
= 100 Hz to 100 kHz, DAC at zero
scale
–85
dB
Digital feedthrough
At SCLK = 1 MHz, DAC output static
at mid scale
0.2
nV-s
OUTPUT CHARACTERISTICS
Voltage range
0
VDD
V
Headroom
Output loaded 5 kΩ, DAC code
FFFFh
0.1
V
Output loaded 0.5 kΩ, DAC code
FFFFh
10
%FSR
RL
Resistive load
0.5
kΩ
CL
Capacitive load
RL = ∞
1
nF
RL = 5 kΩ
2
RO
DC output impedance
Normal mode
0.5
Ω
Power down with 100 k
Ω network
100
kΩ
Power down with 1 k
Ω network
1
kΩ
Short circuit current
36
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com