Electronic Components Datasheet Search
  English  ▼

X  

L9679ETR Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 89Page - STMicroelectronics L9679ETR Datasheet HTML 90Page - STMicroelectronics L9679ETR Datasheet HTML 91Page - STMicroelectronics L9679ETR Datasheet HTML 92Page - STMicroelectronics L9679ETR Datasheet HTML 93Page - STMicroelectronics L9679ETR Datasheet HTML 94Page - STMicroelectronics L9679ETR Datasheet HTML 95Page - STMicroelectronics L9679ETR Datasheet HTML 96Page - STMicroelectronics L9679ETR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 127 page
background image
10-bit data is filtered inside the digital section. The number of samples that are filtered varies depending on the
chosen conversion. As SYS_CFG, the number of used samples in converting DC sensor, squib/pyroswitch or
temperature measurements defaults to 8. The number of samples for all other measurements defaults to 4. The
sample number can be configured by accessing the SYS_CFG register. After low pass filter, the residual total
error is ±4 LSB. This error figure applies to the case of an ideal reference voltage: the spread of reference voltage
causes a proportional error in the conversion output. The reference voltage of the ADC is set to 2.5 V.
The conversion time is comprised of several factors: the number of measurements loaded into the queue, the
number of samples taken for any one measurement, and the various settling times. An example of conversion
time calculation for a full ADC request queue is reported in Figure 26. ADC conversion time. The timings reported
in the figure below are nominal ones, min/max values can be obtained by considering the internal oscillator
frequency variation reported in the DC characteristics section.
Figure 26. ADC conversion time
IQ:
Intra-Queue Settling Time = 3.5 µs
Post-ADC: Final ADC Settling Time = 3.44 µs
T_SC:
Single Sample Conversion Time = 2.25 µs
S:
# of Samples (default = 4 for voltage only measurements)
Pre-AD C: I nitial ADC Settling Time = 4.81 µs
ADC
Pre-
DIAGCTRL_ A
S * T_SC
IQ
DIAGCTRL_B
S * T_SC
IQ
DIAGCTRL_C
S * T_SC
IQ
DIAGCTRL_D
S * T_SC
ADC
Post
GADG1203181038PS
L9679E
System voltage diagnostics
DS12485 - Rev 8
page 93/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com