Electronic Components Datasheet Search
  English  ▼

X  

L9679ETR Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 30Page - STMicroelectronics L9679ETR Datasheet HTML 31Page - STMicroelectronics L9679ETR Datasheet HTML 32Page - STMicroelectronics L9679ETR Datasheet HTML 33Page - STMicroelectronics L9679ETR Datasheet HTML 34Page - STMicroelectronics L9679ETR Datasheet HTML 35Page - STMicroelectronics L9679ETR Datasheet HTML 36Page - STMicroelectronics L9679ETR Datasheet HTML 37Page - STMicroelectronics L9679ETR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 127 page
background image
DCR_x(x=0, 2, 4, 6)
Deployment configuration channel 0, 2, 4, 6 (DCR_x)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MISO
0
0
0
0
0
0
0
0
0
ID:
06 (DCR_0), 08 (DCR_2), 0A (DCR_4), 0C (DCR_6)
Type:
RW
Read:
0600 (DCR_0), 0800 (DCR_2), 0A00 (DCR_4), 0C00 (DCR_6)
Write:
000C (DCR_0), 0010 (DCR_2), 0014 (DCR_4), 0018 (DCR_6)
POR
WSM
SSM
[11:6]
000000
000000
000000
Deploy_Time[5:0]: Default deployment time = 0 µs (no deployment, 8 µs pulse output on ARM1
pin during PULSE TEST)
Deployment time: actual deployment time (ms) = Deploy_Time*0.064 ms (0.064 ms/count up to
4.032 ms max)
[5:4]
00
00
00
Dep_Current[1:0]: Deployment Current limit select
Updated by SSM_RESET or SPI write while in DIAG state
00: Unused (no deploy)
01: 1.75 A min
10: 1.2 A min
11: Unused (no deploy)
[3:2]
00
00
00
Dep_expire_time[1:0]: Deploy command expiration timer select
Updated by SSM_RESET or SPI write while in DIAG state
00: 500 ms
01: 250 ms
10: 125 ms
11: 0 ms
[0]
0
0
0
PD_CURR_CSR: Pull down current control for Common SR connection
Updated by SSM_RESET or SPI write
0: PD Current OFF only for channel selected for diagnostic measurement,
ON for all other channel
1: PD Current OFF for both channels of the channel pair selected for
diagnostic measurement, ON for all other channel
L9679E
SPI interface
DS12485 - Rev 8
page 34/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com