Electronic Components Datasheet Search
  English  ▼

X  

LM2902AWYPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2902AWYPT
Description  Low-power quad operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902AWYPT Datasheet(HTML) 1 Page - STMicroelectronics

  LM2902AWYPT Datasheet HTML 1Page - STMicroelectronics LM2902AWYPT Datasheet HTML 2Page - STMicroelectronics LM2902AWYPT Datasheet HTML 3Page - STMicroelectronics LM2902AWYPT Datasheet HTML 4Page - STMicroelectronics LM2902AWYPT Datasheet HTML 5Page - STMicroelectronics LM2902AWYPT Datasheet HTML 6Page - STMicroelectronics LM2902AWYPT Datasheet HTML 7Page - STMicroelectronics LM2902AWYPT Datasheet HTML 8Page - STMicroelectronics LM2902AWYPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
•
Wide gain bandwidth: 1.3 MHz
•
Input common-mode voltage range includes negative rail
•
Large voltage gain: 100 dB
•
Very low supply current per amplifier: 375 µA
•
Low input bias current: 20 nA
•
Low input offset current: 2 nA
•
ESD internal protection: 800 V
•
Wide power supply range
•
Single supply: 3 V to 30 V
•
Dual supplies: ±1.5 V to ±15 V
Description
This circuit consists of four independent, high-gain operational amplifiers which have
frequency compensation implemented internally and are designed especially for
automotive and industrial control systems.
The device operates from a single power supply over a wide range of voltages.
Operation from split power supplies is also possible and the low power supply current
drain is independent of the magnitude of the power supply voltage.
All the pins are protected against electrostatic discharges up to 800 V.
TSSOP14
SO14
Maturity status link
LM2902W
Low-power quad operational amplifier
LM2902W
Datasheet
DS3575 - Rev 11 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LM2902AWYPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2902A DIODES-LM2902A Datasheet
863Kb / 15P
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 3
logo
3PEAK INC.
LM2902A 3PEAK-LM2902A Datasheet
1Mb / 15P
36V General Purpose Op Amps
LM2902A 3PEAK-LM2902A Datasheet
1Mb / 18P
36-V General Purpose Op Amps, Automotive Qualification
2024-12-18
LM2902A-SR 3PEAK-LM2902A-SR Datasheet
1Mb / 15P
36V General Purpose Op Amps
LM2902A-TR 3PEAK-LM2902A-TR Datasheet
1Mb / 15P
36V General Purpose Op Amps
More results

Similar Description - LM2902AWYPT

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com