Electronic Components Datasheet Search
  English  ▼

X  

LM2902AWYPT Datasheet(PDF) 18 Page - STMicroelectronics

Part # LM2902AWYPT
Description  Low-power quad operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902AWYPT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LM2902AWYPT Datasheet HTML 12Page - STMicroelectronics LM2902AWYPT Datasheet HTML 13Page - STMicroelectronics LM2902AWYPT Datasheet HTML 14Page - STMicroelectronics LM2902AWYPT Datasheet HTML 15Page - STMicroelectronics LM2902AWYPT Datasheet HTML 16Page - STMicroelectronics LM2902AWYPT Datasheet HTML 17Page - STMicroelectronics LM2902AWYPT Datasheet HTML 18Page - STMicroelectronics LM2902AWYPT Datasheet HTML 19Page - STMicroelectronics LM2902AWYPT Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
9
Ordering information
Table 6. Order codes
Order code
Temperature range
Package
Packing
Marking
LM2902WDT
-40 °C to 125 °C
SO14
Tape and reel
2902W
LM2902WYDT (1)
SO14 (automotive grade level)
2902WY
LM2902AWYDT (1)
2902AWY
LM2902WPT
TSSOP14
2902W
LM2902WYPT (1)
TSSOP14 (automotive grade level)
2902WY
LM2902AWYPT (1)
2902AWY
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or
equivalent.
LM2902W
Ordering information
DS3575 - Rev 11
page 18/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com