Electronic Components Datasheet Search
  English  ▼

X  

STA333ML Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA333ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA333ML_V01 Datasheet HTML 3Page - STMicroelectronics STA333ML_V01 Datasheet HTML 4Page - STMicroelectronics STA333ML_V01 Datasheet HTML 5Page - STMicroelectronics STA333ML_V01 Datasheet HTML 6Page - STMicroelectronics STA333ML_V01 Datasheet HTML 7Page - STMicroelectronics STA333ML_V01 Datasheet HTML 8Page - STMicroelectronics STA333ML_V01 Datasheet HTML 9Page - STMicroelectronics STA333ML_V01 Datasheet HTML 10Page - STMicroelectronics STA333ML_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID13177 Rev 8
7/23
STA333ML
Electrical specifications
23
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Recommended operating condition
Table 3. Absolute maximum ratings
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power supply voltage (pins VCC1, VCC2)
-
-
23
V
VL
Logic input interface
-0.3
-
4
V
VDD
Digital supply (pin VDD_DIG)
-
-
4
V
Top
Operating junction temperature
0
-
150
°C
Tstg
Storage temperature
-40
-
150
°C
Table 4. Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
RTh(j-case) Thermal resistance junction to case (thermal pad)
-
1.5
2
°C/W
Tsd
Thermal shutdown junction temperature
140
-
150
°C
Thsd
Thermal shutdown hysteresis
18
20
22
°C
Table 5. Recommended operating condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power supply voltage (pins VCC1, VCC2)
4.5
-
20.0
V
VL
Logic input interface
2.7
3.3
3.6
V
VDD
Digital supply (pin VDD_DIG)
2.7
3.3
3.6
V
Tamb
Ambient temperature
0
-
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com