Electronic Components Datasheet Search
  English  ▼

X  

STA333ML Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA333ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 1 Page - STMicroelectronics

  STA333ML_V01 Datasheet HTML 1Page - STMicroelectronics STA333ML_V01 Datasheet HTML 2Page - STMicroelectronics STA333ML_V01 Datasheet HTML 3Page - STMicroelectronics STA333ML_V01 Datasheet HTML 4Page - STMicroelectronics STA333ML_V01 Datasheet HTML 5Page - STMicroelectronics STA333ML_V01 Datasheet HTML 6Page - STMicroelectronics STA333ML_V01 Datasheet HTML 7Page - STMicroelectronics STA333ML_V01 Datasheet HTML 8Page - STMicroelectronics STA333ML_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
March 2019
DocID13177 Rev 8
1/23
STA333ML
2-channel microless high-efficiency digital audio system Sound
Terminal ®
Datasheet
- production data
Features
 Wide supply voltage range (4.5 - 20 V)
 2 x 20 W into 8 at V
CC = 18 V
 PowerSSO-36 exposed pad package
 2 channels of 24-bit DDX®
 100-dB SNR and dynamic range
 Selectable 32 kHz to 48 kHz input sample
rates
 Automatic zero-detect mute
 Automatic invalid input detect mute
 2-channel I2S input data interface
 Selectable clock input ratio (256 or 364 * fs)
 Max power correction for lower full power
 96 kHz internal processing sample rate, 24-bit
precision
 Embedded thermal overload and short-circuit
protection
 Filterless configuration option
Applications
 LCDs
 DVDs
 Cradles
 Digital speakers
 Wireless speaker cradles
Description
The STA333ML is a single die embedding digital
audio processing and high-efficiency power
amplification, capable of operating without the aid
of an external microcontroller.
The STA333ML is part of the Sound Terminal®
family that provides full digital audio streaming to
the speakers and offers cost effectiveness, low
power dissipation and sound enrichment.
The STA333ML combines a unique 24-bit DDX®
digital class-D ternary modulator together with an
extremely low RdsON stereo power DMOS stage.
The latter is capable of a total output power of
2 x 20 W with outstanding performance in terms
of efficiency (>90%), THD, SNR and EMI.
The microless feature allows its use in low-cost
applications (cradles, digital speakers, audio
terminals) where no microcontroller is needed.
The serial audio data interface accepts the
universally used I2S format. Basic features, such
as the oversampling clock, gain, and I2S format,
can be set using a minimal number of selection
pins. The STA333ML is self-protected against
thermal overload, overcurrent, short-circuit and
overvoltage conditions.
The fault condition is also signalled on an external
pin (INT_LINE) for specific requirements.
PowerSSO-36
with exposed pad down (EPD)
Table 1. Device summary
Order code
Package
Packaging
STA333ML13TR
PowerSSO-36 EPD
Tape and reel
www.st.com


Similar Part No. - STA333ML_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333ML13TR STMICROELECTRONICS-STA333ML13TR Datasheet
205Kb / 15P
Sound Terminal TM 2 channel microless high efficiency digital audio system
01-Feb-2007
STA333ML13TR STMICROELECTRONICS-STA333ML13TR Datasheet
181Kb / 14P
Sound TerminaTM 2-channel microless high-efficiency digital audio system
02-May-2008
STA333ML STMICROELECTRONICS-STA333ML_08 Datasheet
181Kb / 14P
Sound TerminaTM 2-channel microless high-efficiency digital audio system
02-May-2008
More results

Similar Description - STA333ML_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333ML STMICROELECTRONICS-STA333ML Datasheet
205Kb / 15P
Sound Terminal TM 2 channel microless high efficiency digital audio system
01-Feb-2007
STA333ML STMICROELECTRONICS-STA333ML_08 Datasheet
181Kb / 14P
Sound TerminaTM 2-channel microless high-efficiency digital audio system
02-May-2008
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
2-channel high-efficiency digital audio system Sound Terminal?
21-Jan-2010
STA335ML STMICROELECTRONICS-STA335ML Datasheet
1Mb / 20P
2-channel microless high-efficiency digital audio system Sound Terminal®
18-Jul-2011
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com