Electronic Components Datasheet Search
  English  ▼

X  

STA369BW Datasheet(PDF) 85 Page - STMicroelectronics

Part # STA369BW
Description  2.1-channel high-efficiency digital audio system Sound Terminal
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 81Page - STMicroelectronics STA369BW Datasheet HTML 82Page - STMicroelectronics STA369BW Datasheet HTML 83Page - STMicroelectronics STA369BW Datasheet HTML 84Page - STMicroelectronics STA369BW Datasheet HTML 85Page - STMicroelectronics STA369BW Datasheet HTML 86Page - STMicroelectronics STA369BW Datasheet HTML 87Page - STMicroelectronics STA369BW Datasheet HTML 88Page - STMicroelectronics STA369BW Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
DocID022033 Rev 2
85/89
STA369BW
Package thermal characteristics
89
10
Package thermal characteristics
Using a four-layer PCB, the thermal resistance junction-to-ambient with 2 copper ground
areas of 6 x 4 cm2 and with 24 via holes (see Figure 36) is 17 °C/W in natural air
convection.
The dissipated power within the device depends primarily on the supply voltage, load
impedance and output modulation level.
Thus, the maximum estimated dissipated power for the STA369BW is:
Figure 36. Double-layer PCB with 2 copper ground areas and 24 via holes
Figure 37 shows the power derating curve for the PowerSSO-36 slug-down package on
PCBs with copper areas of 5 x 4 cm2 and 6 x 4cm2.
Figure 37. PowerSSO-36 power derating curve
2 x 40 W @ 8
, 25.5 V
Pd max ~ 8 W
2 x 17 W + 1 x 35 W @ 4
, 8 ,25 V
Pd max < 7 W
AM045200v1
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 5x4 cm
and 20 via holes
STA350BW
Power-SSO36
Copper Area 6x4 cm
and 24 via holes
Copper Area 5x4 cm
and 20 via holes
STA369BW
Power-SSO36
Copper Area 6x4 cm
and 24 via holes
AM045201v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com