Electronic Components Datasheet Search
  English  ▼

X  

STA369BW Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA369BW
Description  2.1-channel high-efficiency digital audio system Sound Terminal
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 25Page - STMicroelectronics STA369BW Datasheet HTML 26Page - STMicroelectronics STA369BW Datasheet HTML 27Page - STMicroelectronics STA369BW Datasheet HTML 28Page - STMicroelectronics STA369BW Datasheet HTML 29Page - STMicroelectronics STA369BW Datasheet HTML 30Page - STMicroelectronics STA369BW Datasheet HTML 31Page - STMicroelectronics STA369BW Datasheet HTML 32Page - STMicroelectronics STA369BW Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
DocID022033 Rev 2
29/89
STA369BW
I2C bus specification
89
bus during the 9th bit time. The byte following the device identification byte is the internal
space address.
7.3
Write operation
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA369BW acknowledges this and then writes the byte of the internal address.
After receiving the internal byte address the STA369BW again responds with an
acknowledgement.
7.3.1
Byte write
In the byte write mode the master sends one data byte which is acknowledged by the
STA369BW. The master then terminates the transfer by generating a STOP condition.
7.3.2
Multi-byte write
The multi-byte write modes can start from any internal address. The master generating a
STOP condition terminates the transfer.
7.4
Read operation
7.4.1
Current address byte read
Following the START condition the master sends a device select code with the RW bit set
to 1. The STA369BW acknowledges this and then responds by sending one byte of data.
The master then terminates the transfer by generating a STOP condition.
7.4.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA369BW. The master acknowledges each
data byte read and then generates a STOP condition, terminating the transfer.
7.4.3
Random address byte read
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA369BW acknowledges this and then the master writes the internal address
byte. After receiving the internal byte address, the STA369BW again responds with an
acknowledgement. The master then initiates another START condition and sends the device
select code with the RW bit set to 1. The STA369BW acknowledges this and then responds
by sending one byte of data. The master then terminates the transfer by generating a STOP
condition.
7.4.4
Random address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA369BW. The master acknowledges each
data byte read and then generates a STOP condition, terminating the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com