Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGER Datasheet(PDF) 22 Page - Texas Instruments

Part # DRV8701PRGER
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGER Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV8701PRGER Datasheet HTML 18Page - Texas Instruments DRV8701PRGER Datasheet HTML 19Page - Texas Instruments DRV8701PRGER Datasheet HTML 20Page - Texas Instruments DRV8701PRGER Datasheet HTML 21Page - Texas Instruments DRV8701PRGER Datasheet HTML 22Page - Texas Instruments DRV8701PRGER Datasheet HTML 23Page - Texas Instruments DRV8701PRGER Datasheet HTML 24Page - Texas Instruments DRV8701PRGER Datasheet HTML 25Page - Texas Instruments DRV8701PRGER Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AVDD
1 µF
VM
30 mA
max
4.8 V
+
-
DVDD
1 µF
VM
30 mA
max
3.3 V
+
-
VM
VCP
CPH
CPL
VM
Charge
Pump
1 µF
0.1 µF
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
www.ti.com
7.3.10 Charge Pump
A charge pump is integrated to supply a high-side NMOS gate drive voltage of VHGS. The charge pump requires
a capacitor between the VM and VCP pins. Additionally a low-ESR ceramic capacitor is required between pins
CPH and CPL. When VM is below 12 V, this charge pump behaves as a doubler and generates VCP = 2 × VM –
1.5 V if unloaded. Above VM = 12 V, the charge pump regulates VCP such that VCP = VM + 9.5 V.
Figure 29. Charge Pump Diagram
7.3.11 LDO Voltage Regulators
Two LDO regulators are integrated into the DRV8701. They can be used to provide the supply voltage for a low-
power microcontroller or other low-current devices. For proper operation, bypass the AVDD and DVDD pins to
GND using ceramic capacitors.
The AVDD output voltage is nominally 4.8 V, and the DVDD output is nominally 3.3 V. When the AVDD or DVDD
current load exceeds 30 mA, the LDO behaves like a constant current source. The output voltage drops
significantly with currents greater than this limit.
Note that AVDD and DVDD are disabled when the device is in sleep mode (nSLEEP = 0). In addition, when an
overtemperature (TSD) or undervoltage (UVLO) fault is encountered, the AVDD regulator is shut off.
Figure 30. AVDD and DVDD LDOs
The power dissipated in the DRV8701 due to these LDOs may be approximated by:
Power = (VM – AVDD) × IAVDD + (VM – DVDD) × IDVDD
(3)
For example at VM = 24 V, drawing 10 mA out of both AVDD and DVDD results in a power dissipation of:
Power = (24 V – 4.8 V) × 10 mA + (24 V – 3.3 V) × 10 mA = 192 mW + 207 mW = 399 mW
(4)
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com