Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGER Datasheet(PDF) 29 Page - Texas Instruments

Part # DRV8701PRGER
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGER Datasheet(HTML) 29 Page - Texas Instruments

Back Button DRV8701PRGER Datasheet HTML 25Page - Texas Instruments DRV8701PRGER Datasheet HTML 26Page - Texas Instruments DRV8701PRGER Datasheet HTML 27Page - Texas Instruments DRV8701PRGER Datasheet HTML 28Page - Texas Instruments DRV8701PRGER Datasheet HTML 29Page - Texas Instruments DRV8701PRGER Datasheet HTML 30Page - Texas Instruments DRV8701PRGER Datasheet HTML 31Page - Texas Instruments DRV8701PRGER Datasheet HTML 32Page - Texas Instruments DRV8701PRGER Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
O F F
C H O P
V
S E N S E
9 5 ( ) ± 9
I
A
R

K
GD
Q
IDRIVE
RT

VCP
G
PWM
I
Q

¦

u
PWM
OFF
BLANK
1
¦
 N+]
t
t

|

VCP
G
PWM
I
Q
¦

DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
External FET Selection
The DRV8701 FET support is based on the charge pump capacity and output PWM frequency. For a quick
calculation of FET driving capacity, use the following equations when drive and brake (slow decay) are the
primary modes of operation:
where
•
fPWM is the maximum desired PWM frequency to be applied to the DRV8701 inputs or the current chopping
frequency, whichever is larger.
•
IVCP is the charge pump capacity, which depends on VM.
(5)
The internal current chopping frequency is at most:
(6)
Example: If a system at VM = 7 V (IVCP = 8 mA) uses a maximum PWM frequency of 40 kHz, then the DRV8701
will support QG < 200 nC FETs.
If the application will require a forced fast decay (or alternating between drive and reverse drive), the maximum
FET driving capacity is given by:
(7)
8.2.1.2.2
IDRIVE Configuration
Select IDRIVE based on the gate charge of the FETs. Configure this pin so that the FET gates are charged
completely during tDRIVE. If the designer chooses an IDRIVE that is too low for a given FET, then the FET may
not turn on completely. TI suggests to adjust these values in-system with the required external FETs and motor
to determine the best possible setting for any application.
For FETs with a known gate-to-drain charge (QGD) and desired rise time (RT), select IDRIVE based on:
(8)
Example: If the gate-to-drain charge is 2.3 nC, and the desired rise time is around 100 to 300 ns,
IDRIVE1 = 2.3 nC / 100 ns = 23 mA
IDRIVE2 = 2.3 nC / 300 ns = 7.7 mA
Select IDRIVE between 7.7 and 23 mA
Select IDRIVE as 12.5-mA source (25-mA sink)
Requires a 33-k
Ω resistor from the IDRIVE pin to GND
8.2.1.2.3
Current Chopping Configuration
The chopping current is set based on the sense resistor value and the analog voltage at VREF. Calculate the
current using Equation 9. The amplifier gain AV is 20 V/V and VOFF is typically 50 mV.
Example: If the desired chopping current is 3 A,
Set RSENSE = 50 mΩ
(9)
VREF would have to be 3.05 V.
Create a resistor divider from AVDD (4.8 V) to set VREF
≈ 3 V
Set R2 = 3.3 k
Ω; set R1 = 2 kΩ.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com