Electronic Components Datasheet Search
  English  ▼

X  

DRV8874PWPR Datasheet(PDF) 31 Page - Texas Instruments

Part # DRV8874PWPR
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button DRV8874PWPR Datasheet HTML 27Page - Texas Instruments DRV8874PWPR Datasheet HTML 28Page - Texas Instruments DRV8874PWPR Datasheet HTML 29Page - Texas Instruments DRV8874PWPR Datasheet HTML 30Page - Texas Instruments DRV8874PWPR Datasheet HTML 31Page - Texas Instruments DRV8874PWPR Datasheet HTML 32Page - Texas Instruments DRV8874PWPR Datasheet HTML 33Page - Texas Instruments DRV8874PWPR Datasheet HTML 34Page - Texas Instruments DRV8874PWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
EN/IN1
1
PMODE
16
Thermal
Pad
PH/IN2
2
nSLEEP
3
nFAULT
4
VREF
5
IPROPI
6
OUT1
8
GND
15
CPL
14
CPH
13
VCP
12
VM
11
OUT2
10
PGND
9
IMODE
7
R
IPROPI
V
IPROPI
MOT+
MOT-
V
M
0.022 …F
0.1 …F
0.1 …F
C
BULK
31
DRV8874
www.ti.com
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Since the DRV887x family of devices are integrated power MOSFETs device capable of driving high current,
careful attention should be paid to the layout design and external component placement. Some design and layout
guidelines are provided below.
•
Low ESR ceramic capacitors should be utilized for the VM to GND bypass capacitor, the VCP to VM charge
pump storage capacitor, and the charge pump flying capacitor. X5R and X7R types are recommended.
•
The VM power supply and VCP, CPH, CPL charge pump capacitors should be placed as close to the device
as possible to minimize the loop inductance.
•
The VM power supply bulk capacitor can be of ceramic or electrolytic type, but should also be placed as close
as possible to the device to minimize the loop inductance.
•
VM, OUT1, OUT2, and PGND carry the high current from the power supply to the outputs and back to
ground. Thick metal routing should be utilized for these traces as is feasible.
•
PGND and GND should connect together directly on the PCB ground plane. They are not intended to be
isolated from each other.
•
The device thermal pad should be attached to the PCB top layer ground plane and internal ground plane
(when available) through thermal vias to maximize the PCB heat sinking.
•
A recommended land pattern for the thermal vias is provided in the package drawing section.
•
The copper plane area attached to the thermal pad should be maximized to ensure optimal heat sinking.
10.2 Layout Example
10.2.1 HTSSOP Layout Example
Figure 37. HTSSOP (PWP) Example Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com