Electronic Components Datasheet Search
  English  ▼

X  

DRV8874PWPR Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8874PWPR
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV8874PWPR Datasheet HTML 1Page - Texas Instruments DRV8874PWPR Datasheet HTML 2Page - Texas Instruments DRV8874PWPR Datasheet HTML 3Page - Texas Instruments DRV8874PWPR Datasheet HTML 4Page - Texas Instruments DRV8874PWPR Datasheet HTML 5Page - Texas Instruments DRV8874PWPR Datasheet HTML 6Page - Texas Instruments DRV8874PWPR Datasheet HTML 7Page - Texas Instruments DRV8874PWPR Datasheet HTML 8Page - Texas Instruments DRV8874PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
DRV887x
H-Bridge
Motor Driver
4.5 to 37 V
Control Inputs
nSLEEP
Protection
IPROPI
IPROPI
nFAULT
Current Sense
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV8874
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
1
1 Features
1
•
N-channel H-bridge motor driver
–
Drives one bidirectional brushed DC motor
–
Two unidirectional brushed DC motors
–
Other resistive and inductive loads
•
4.5-V to 37-V operating supply voltage range
•
Pin to pin RDS(on) variants
–
DRV8874: 200-mΩ (High-Side + Low-Side)
–
DRV8876: 700-mΩ (High-Side + Low-Side)
•
High output current capability
–
DRV8874: 6-A Peak
–
DRV8876: 3.5-A Peak
•
Integrated current sensing and regulation
•
Proportional current output (IPROPI)
•
Selectable current regulation (IMODE)
–
Cycle-by-cycle or fixed off time
•
Selectable input control modes (PMODE)
–
PH/EN and PWM H-bridge control modes
–
Independent half-bridge control mode
•
Supports 1.8-V, 3.3-V, and 5-V logic inputs
•
Ultra low-power sleep mode
–
<1-µA @ VVM = 24-V, TJ = 25°C
•
Spread spectrum clocking for low electromagnetic
interference (EMI)
•
Integrated protection features
–
Undervoltage lockout (UVLO)
–
Charge pump undervoltage (CPUV)
–
Overcurrent protection (OCP)
–
Automatic retry or outputs latched off
(IMODE)
–
Thermal shutdown (TSD)
–
Automatic fault recovery
–
Fault indicator pin (nFAULT)
2 Applications
•
Brushed DC motors
•
Major and small home appliances
•
Vacuum, humanoid, and toy robotics
•
Printers and scanners
•
Smart meters
•
ATMs, currency counters, and EPOS
•
Servo motors and actuators
3 Description
The DRV8874 is an integrated motor driver with N-
channel H-bridge, charge pump, current sensing and
proportional output, current regulation, and protection
circuitry. The charge pump improves efficiency by
supporting N-channel MOSFET half bridges and
100% duty cycle driving. The family of devices come
in pin-to-pin RDS(on) variants to support different loads
with minimal design changes.
An internal current mirror architecture on the IPROPI
pin implements current sensing and regulation. This
eliminates the need for a large power shunt resistor,
saving board area and reducing system cost. The
IPROPI current-sense output allows a microcontroller
to detect motor stall or changes in load conditions.
Using the external voltage reference pin, VREF,
these devices can regulate the motor current during
start-up and high-load events without interaction from
a microcontroller.
A low-power sleep mode achieves ultra-low quiescent
current draw by shutting down most of the internal
circuitry. Internal protection features include supply
undervoltage lockout, charge pump undervoltage,
output overcurrent,
and
device
overtemperature.
Fault conditions are indicated on nFAULT.
View our full portfolio of brushed motor drivers on
ti.com.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8874
HTSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DRV8874PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8874PWPR TI1-DRV8874PWPR Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
More results

Similar Description - DRV8874PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8876 TI1-DRV8876 Datasheet
520Kb / 29P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876-Q1 TI1-DRV8876-Q1 Datasheet
715Kb / 32P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876_1904 TI1-DRV8876_1904 Datasheet
942Kb / 37P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8874-Q1 TI1-DRV8874-Q1 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8876-Q1 TI1-DRV8876-Q1_V01 Datasheet
897Kb / 35P
DRV887x-Q1 H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8411 TI-DRV8411 Datasheet
1Mb / 45P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8411A TI1-DRV8411A Datasheet
2Mb / 54P
DRV8411A Dual H-Bridge Motor Driver with Current Regulation
OCTOBER 2022
DRV8411 TI1-DRV8411_V02 Datasheet
3Mb / 57P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8411A TI-DRV8411A_V01 Datasheet
2Mb / 53P
DRV8411A Dual H-Bridge Motor Driver with Current Regulation
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com