Electronic Components Datasheet Search
  English  ▼

X  

DRV8860PWPR Datasheet(PDF) 44 Page - Texas Instruments

Part # DRV8860PWPR
Description  DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8860PWPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button DRV8860PWPR Datasheet HTML 37Page - Texas Instruments DRV8860PWPR Datasheet HTML 38Page - Texas Instruments DRV8860PWPR Datasheet HTML 39Page - Texas Instruments DRV8860PWPR Datasheet HTML 40Page - Texas Instruments DRV8860PWPR Datasheet HTML 41Page - Texas Instruments DRV8860PWPR Datasheet HTML 42Page - Texas Instruments DRV8860PWPR Datasheet HTML 43Page - Texas Instruments DRV8860PWPR Datasheet HTML 44Page - Texas Instruments DRV8860PWPR Datasheet HTML 45Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
16X (1.5)
16X (0.45)
14X (0.65)
(5.8)
(R0.05) TYP
(3.55)
BASED ON
0.125 THICK
STENCIL
(2.46)
BASED ON
0.125 THICK
STENCIL
PowerPAD TSSOP - 1.2 mm max height
PWP0016J
SMALL OUTLINE PACKAGE
4223595/A 03/2017
2.08 X 3.00
0.175
2.25 X 3.24
0.15
2.46 X 3.55 (SHOWN)
0.125
2.75 X 3.97
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
NOTES: (continued)
10. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
11. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE: 10X
SYMM
SYMM
1
8
9
16
METAL COVERED
BY SOLDER MASK
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com