Electronic Components Datasheet Search
  English  ▼

X  

ESD321DPYR Datasheet(PDF) 10 Page - Texas Instruments

Part # ESD321DPYR
Description  ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD321DPYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ESD321DPYR Datasheet HTML 6Page - Texas Instruments ESD321DPYR Datasheet HTML 7Page - Texas Instruments ESD321DPYR Datasheet HTML 8Page - Texas Instruments ESD321DPYR Datasheet HTML 9Page - Texas Instruments ESD321DPYR Datasheet HTML 10Page - Texas Instruments ESD321DPYR Datasheet HTML 11Page - Texas Instruments ESD321DPYR Datasheet HTML 12Page - Texas Instruments ESD321DPYR Datasheet HTML 13Page - Texas Instruments ESD321DPYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
7.2.3 Application Curve
D009_S21.grf
Frequency (GHz)
0.1
0.2
0.3
0.5 0.7
1
2
3
4 5 6 7 8 10
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
D009
Figure 7-2. Insertion Loss Vs. Frequency
7.3 Power Supply Recommendations
Because the ESD321 is a passive ESD device, there is no need to power it. To help ensure the device functions
properly, do not violate the recommended I/O specification (0V to 3.6V).
7.4 Layout
7.4.1 Layout Guidelines
• The optimum placement is as close to the connector as possible.
– EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures.
– The PCB designer must minimize the possibility of EMI coupling by keeping any unprotected traces away
from the protected traces which are between the TVS and the connector.
• Route the protected traces as straight as possible.
• Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
– Electric fields tend to build up on corners, which increases EMI coupling.
ESD321
SLVSEN8C – JULY 2018 – REVISED JUNE 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com