Electronic Components Datasheet Search
  English  ▼

X  

ESD321DPYR Datasheet(PDF) 11 Page - Texas Instruments

Part # ESD321DPYR
Description  ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD321DPYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ESD321DPYR Datasheet HTML 7Page - Texas Instruments ESD321DPYR Datasheet HTML 8Page - Texas Instruments ESD321DPYR Datasheet HTML 9Page - Texas Instruments ESD321DPYR Datasheet HTML 10Page - Texas Instruments ESD321DPYR Datasheet HTML 11Page - Texas Instruments ESD321DPYR Datasheet HTML 12Page - Texas Instruments ESD321DPYR Datasheet HTML 13Page - Texas Instruments ESD321DPYR Datasheet HTML 14Page - Texas Instruments ESD321DPYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
7.4.2 Layout Example
USB2.0 Connector
Pin to GND
Legend
GND
VBUS
To power supply
To USB transceiver
D+
D-
ESD321
ESD321
Figure 7-3. USB 2.0 ESD Layout
www.ti.com
ESD321
SLVSEN8C – JULY 2018 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ESD321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com