Electronic Components Datasheet Search
  English  ▼

X  

ESD351DPYR Datasheet(PDF) 3 Page - Texas Instruments

Part # ESD351DPYR
Description  ESD351 1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD351DPYR Datasheet(HTML) 3 Page - Texas Instruments

  ESD351DPYR Datasheet HTML 1Page - Texas Instruments ESD351DPYR Datasheet HTML 2Page - Texas Instruments ESD351DPYR Datasheet HTML 3Page - Texas Instruments ESD351DPYR Datasheet HTML 4Page - Texas Instruments ESD351DPYR Datasheet HTML 5Page - Texas Instruments ESD351DPYR Datasheet HTML 6Page - Texas Instruments ESD351DPYR Datasheet HTML 7Page - Texas Instruments ESD351DPYR Datasheet HTML 8Page - Texas Instruments ESD351DPYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
2
3
ESD351
www.ti.com
SLVSEO3 – JULY 2018
Product Folder Links: ESD351
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DPY Package
2-Pin X1SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
IO
I/O
ESD Protected Channel. Connect this pin to the line being protected.
2
GND
GND
Connect this pin to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com