Electronic Components Datasheet Search
  English  ▼

X  

ESD351DPYR Datasheet(PDF) 9 Page - Texas Instruments

Part # ESD351DPYR
Description  ESD351 1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD351DPYR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ESD351DPYR Datasheet HTML 5Page - Texas Instruments ESD351DPYR Datasheet HTML 6Page - Texas Instruments ESD351DPYR Datasheet HTML 7Page - Texas Instruments ESD351DPYR Datasheet HTML 8Page - Texas Instruments ESD351DPYR Datasheet HTML 9Page - Texas Instruments ESD351DPYR Datasheet HTML 10Page - Texas Instruments ESD351DPYR Datasheet HTML 11Page - Texas Instruments ESD351DPYR Datasheet HTML 12Page - Texas Instruments ESD351DPYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
5-V Source
USB Transceiver
2
1
2
1
VBUS
D±
D+
GND
9
ESD351
www.ti.com
SLVSEO3 – JULY 2018
Product Folder Links: ESD351
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The ESD351 is a diode type TVS which is used to provide a path to ground for dissipating ESD events on high-
speed signal lines between a human interface connector and a system. As the current from ESD passes through
the TVS, only a small voltage drop is present across the diode. This is the voltage presented to the protected IC.
The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a safe level for the protected IC.
8.2 Typical Application
Figure 10. USB 2.0 ESD Schematic
8.2.1 Design Requirements
For this design example, two ESD351 devices are being used in a USB 2.0 application. This provides a complete
ESD protection scheme.
Given the USB 2.0 application, the parameters listed in Table 1 are known.
Table 1. Design Parameters
DESIGN PARAMETER
VALUE
Signal range on DP-DM lines
0 V to 3.6 V
Operating frequency on DP-DM lines
up to 240 MHz
8.2.2 Detailed Design Procedure
8.2.2.1 Signal Range
The ESD351 supports signal ranges between 0 V and 3.6 V, which supports the USB 2.0 signal pair on the USB
2.0 application.
8.2.2.2 Operating Frequency
The ESD351 has a 1.8 pF (typical) capacitance, which supports the USB 2.0 data rates of 480 Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com