Electronic Components Datasheet Search
  English  ▼

X  

FX004 Datasheet(PDF) 2 Page - Texas Instruments

Part # FX004
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FX004 Datasheet(HTML) 2 Page - Texas Instruments

  FX004 Datasheet HTML 1Page - Texas Instruments FX004 Datasheet HTML 2Page - Texas Instruments FX004 Datasheet HTML 3Page - Texas Instruments FX004 Datasheet HTML 4Page - Texas Instruments FX004 Datasheet HTML 5Page - Texas Instruments FX004 Datasheet HTML 6Page - Texas Instruments FX004 Datasheet HTML 7Page - Texas Instruments FX004 Datasheet HTML 8Page - Texas Instruments FX004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS51216
SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
ORDERABLE DEVICE
OUTPUT
MINIMUM
TA
PACKAGE
PINS
NUMBER
SUPPLY
QUANTITY
TPS51216RUKR
Tape and reel
3000
–40°C to 85°C
Plastic Quad Flat Pack (20 pin QFN)
20
TPS51216RUKT
Mini reel
250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VBST
–0.3
36
VBST(3)
–0.3
6
SW
–5
30
Input voltage range(2)
VLDOIN, VDDQSNS, REFIN
–0.3
3.6
V
VTTSNS
–0.3
3.6
PGND, VTTGND
–0.3
0.3
V5IN, S3, S5, TRIP, MODE
–0.3
6
DRVH
–5
36
DRVH(3)
–0.3
6
DRVH(3) (duty cycle < 1%)
–2.5
6
VTTREF, VREF
–0.3
3.6
Output voltage range(2)
V
VTT
–0.3
3.6
DRVL
–0.3
6
DRVL (duty cycle < 1%)
–2.5
6
PGOOD
–0.3
6
Junction temperature range, TJ
125
°C
Storage temperature range, TSTG
–55
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the SW terminal.
THERMAL INFORMATION
TPS51216
THERMAL METRIC
UNITS
QFN (20) PINS
θJA
Junction-to-ambient thermal resistance
94.1
θJCtop
Junction-to-case (top) thermal resistance
58.1
θJB
Junction-to-board thermal resistance
64.3
°C/W
ψJT
Junction-to-top characterization parameter
31.8
ψJB
Junction-to-board characterization parameter
58.0
θJCbot
Junction-to-case (bottom) thermal resistance
5.9
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS51216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com