Electronic Components Datasheet Search
  English  ▼

X  

FX004 Datasheet(PDF) 21 Page - Texas Instruments

Part # FX004
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FX004 Datasheet(HTML) 21 Page - Texas Instruments

Back Button FX004 Datasheet HTML 17Page - Texas Instruments FX004 Datasheet HTML 18Page - Texas Instruments FX004 Datasheet HTML 19Page - Texas Instruments FX004 Datasheet HTML 20Page - Texas Instruments FX004 Datasheet HTML 21Page - Texas Instruments FX004 Datasheet HTML 22Page - Texas Instruments FX004 Datasheet HTML 23Page - Texas Instruments FX004 Datasheet HTML 24Page - Texas Instruments FX004 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
´
³
´
OUT
SW
X
V
ESR
20 mV
f
L
£
p ´
´
SW
OUT
f
1
2
ESR
C
3
(
)
(
)
(
)
æ
ö
æ
ö
-
ç
÷
´
-
´
´
ç
÷
ç
÷
ç
÷
´
´
è
ø
è
ø
=
IN
OUT
OUT
OCL
DS(on)
X
SW
IN
TRIP
TRIP
V
V
V
8
I
R
2 L
f
V
R
I
(
)
( )
(
)
(
)
(
)
-
´
=
+
´
´
´
IN
OUT
OUT
max
TRIP
IND peak
X
SW
IN
DS on
max
V
V
V
V
1
I
8 R
L
f
V
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
-
´
-
´
=
´
=
´
´
´
IN
OUT
OUT
IN
OUT
OUT
max
max
X
SW
IN
O
SW
IN
IND ripple
max
max
max
V
V
V
V
V
V
1
3
L
I
f
V
I
f
V
(
)
=
æ
ö
ç
÷
ç
÷
ç
÷ -
´
æ
ö
ç
÷
ç
÷
-
ç
÷
ç
÷
ç
÷
è
ø
è
ø
IND ripple
OUT
R1
R2
1.8
1
I
ESR
V
2
TPS51216
www.ti.com
SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013
External Components Selection
The external components selection is simple in D-CAP™ mode.
1. DETERMINE THE VALUE OF R1 AND R2
The output voltage is determined by the value of the voltage-divider resistor, R1 and R2 as shown in
Figure 30. R1 is connected between VREF and REFIN pins, and R2 is connected between the REFIN pin
and GND. Setting R1 as 10-k
Ω is a good starting point. Determine R2 using Equation 6.
(6)
2. CHOOSE THE INDUCTOR
The inductance value should be determined to yield a ripple current of approximately ¼ to ½ of maximum
output current. Larger ripple current increases output ripple voltage and improves the signal-to-noise ratio
and helps stable operation.
(7)
The inductor needs a low direct current resistance (DCR) to achieve good efficiency, as well as enough room
above peak inductor current before saturation. The peak inductor current can be estimated in Equation 8.
(8)
3. CHOOSE THE OCL SETTING RESISTANCE, RTRIP
Combining Equation 4 and Equation 5, RTRIP can be obtained using Equation 9.
(9)
4. CHOOSE THE OUTPUT CAPACITORS
Organic semiconductor capacitor(s) or specialty polymer capacitor(s) are recommended. Determine ESR to
meet small signal stability and recommended ripple voltage. A quick reference is shown in Equation 10 and
Equation 11.
(10)
(11)
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links :TPS51216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com