Electronic Components Datasheet Search
  English  ▼

X  

L4938ED Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4938ED
Description  Advanced voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ED Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4938ED Datasheet HTML 4Page - STMicroelectronics L4938ED Datasheet HTML 5Page - STMicroelectronics L4938ED Datasheet HTML 6Page - STMicroelectronics L4938ED Datasheet HTML 7Page - STMicroelectronics L4938ED Datasheet HTML 8Page - STMicroelectronics L4938ED Datasheet HTML 9Page - STMicroelectronics L4938ED Datasheet HTML 10Page - STMicroelectronics L4938ED Datasheet HTML 11Page - STMicroelectronics L4938ED Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specifications
L4938ED, L4938EPD
8/20
Doc ID 17243 Rev 2
2.2
Thermal data
Note:
Typical value soldered on a PC board with 8 cm2 copper ground plane (35 mm thick).
2.3
Electrical characteristics
VS = 14 V; Tj = -40 to 150 °C, unless otherwise specified.
Table 4.
Thermal data
Symbol
Parameter
SO-20
PowerSO-20
Unit
Rthj-amb
Thermal resistance junction to ambient
50
-
°C/W
Rthj-case
Thermal resistance junction to case
-
< 2
°C/W
Table 5.
OUT1
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VO1
Supply output voltage
VS = 6 to 28 V;
IO1 = 400 µA to 100 mA
4.9
5
5.1
V
TJ ≤ 125°C;
IO1 = 50 to 400 µA
4.8
5
5.2
V
VDP1
Drop output voltage 1
IOUT1 = 10 mA
0.1
0.2
V
IOUT1 = 100 mA; VS = 4.8 V
0.2
0.4
V
VOL01
Load regulation 1
IOUT1 = 1 to 100 mA (after
regulation setting)
25
mV
VLIM1
Current limit 1
VOUT1 = 0.8 to 4.5 V
100
200
400
mA
IQSB
Quiescent current in
standby mode
IEN ≥ 2.4 V (output 2 disabled)
IO1 = 0.1 mA; VSI > 1.3 V
65
90
µA
TJ <85°C; RPR = 0
75
µA
Table 6.
OUT2
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VO2
Output voltage 2 ADJ
connected to OUT2
Enable = low; VS = 6 to 28 V;
IO2 = 5 to 400 mA
4.9
5.1
V
VDP2
Drop output voltage 2
IOUT2 = 100 mA
0.2
0.3
V
IOUT2 = 400 mA; VS = 4.8 V
0.3
0.6
V
VOL02
Load regulation 2
IOUT1 = 5 to 400 mA
(after regulation setting)
50
mV
RADJ
Adjust input resistance
60
100
150
mA
ILIM2
Current limit 2
V02 = 0.8 to 4.5 V
450
650
1300
mA
IQ
Quiescent current
IOUT1 = 100 mA;
IOUT2 = 400 mA
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com