Electronic Components Datasheet Search
  English  ▼

X  

L4938ED Datasheet(PDF) 16 Page - STMicroelectronics

Part # L4938ED
Description  Advanced voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ED Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L4938ED Datasheet HTML 12Page - STMicroelectronics L4938ED Datasheet HTML 13Page - STMicroelectronics L4938ED Datasheet HTML 14Page - STMicroelectronics L4938ED Datasheet HTML 15Page - STMicroelectronics L4938ED Datasheet HTML 16Page - STMicroelectronics L4938ED Datasheet HTML 17Page - STMicroelectronics L4938ED Datasheet HTML 18Page - STMicroelectronics L4938ED Datasheet HTML 19Page - STMicroelectronics L4938ED Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package and packing information
L4938ED, L4938EPD
16/20
Doc ID 17243 Rev 2
4
Package and packing information
4.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.2
SO-20 package information
Table 11.
SO-20 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.35
2.65
A1
0.1
0.3
B
0.33
0.51
C
0.23
0.32
D
12.6
13
E
7.4
7.6
e
1.27
H
10
10.65
h
0.25
0.75
L
0.4
1.27
K
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com