Electronic Components Datasheet Search
  English  ▼

X  

L9305 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 5 Page - STMicroelectronics

  L9305 Datasheet HTML 1Page - STMicroelectronics L9305 Datasheet HTML 2Page - STMicroelectronics L9305 Datasheet HTML 3Page - STMicroelectronics L9305 Datasheet HTML 4Page - STMicroelectronics L9305 Datasheet HTML 5Page - STMicroelectronics L9305 Datasheet HTML 6Page - STMicroelectronics L9305 Datasheet HTML 7Page - STMicroelectronics L9305 Datasheet HTML 8Page - STMicroelectronics L9305 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
Figure 3. TQFP48 application schematic
L9305
Ch_0
Ch_1
Ch_2
Ch_3
GND_SOL_0
GND_SOL_1
GND_SOL_2
GND_SOL_3
GND_SOL
GNDA
GNDD
VS_SOL_0
100 kΩ
FS_S1
FS_G1
FS_D1
220 nF
68 nF
68 nF
VS_SOL_1
VS_SOL_2
VS_SOL_3
LOAD_SOL_0
LOAD_SOL_1
LOAD_SOL_2
LOAD_SOL_3
Charge Pump
SPI
MOSI
FAULT
VDDIO
3.3 V
5.0 V
VDD
5.0 V
EN_DR
IN0_NDIS0
IN1_NDIS1
IN2_NDIS2
IN3_NDIS3
RES
MISO
SCLK
CS
VBAT
Optional EMI filter
Logic
10 kΩ
10 kΩ
100 kΩ
FS_S0
FS_G0
FS_D0
100 kΩ
FS_S3
FS_G3
FS_D3
100 kΩ
FS_S2
FS_G2
FS_D2
GADG2609181302PS
L9305
Block diagram
DS12774 - Rev 10
page 5/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com