Electronic Components Datasheet Search
  English  ▼

X  

L9305 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 46Page - STMicroelectronics L9305 Datasheet HTML 47Page - STMicroelectronics L9305 Datasheet HTML 48Page - STMicroelectronics L9305 Datasheet HTML 49Page - STMicroelectronics L9305 Datasheet HTML 50Page - STMicroelectronics L9305 Datasheet HTML 51Page - STMicroelectronics L9305 Datasheet HTML 52Page - STMicroelectronics L9305 Datasheet HTML 53Page - STMicroelectronics L9305 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
Table 35. SPI time out values
Dec
Bin
SPI Time Out
63 x 8 x 2N [µs]
0
000
504
1
001
1008
2
010
2016
3
011
4032
4
100
8064
5
101
16128
6
110
32256
7
111
64512
Reset latch function can reset the device to IDLE state if a certain number of timeout events occur. Enable of this
function (TIMEOUTSPICFG register, D[1:0] ) and the number of timeout events (TIMEOUTSPICFG register,
D[6:5]) is programmed through SPI.
Table 36. Reset latch enable state
En_Res_Latch[1]
(Reset Latch enable)
Dis_Res_Latch[0]
(Reset latch disable)
Reset Latch
0
0
Disabled
0
1
Disabled
1
0
Enabled
1
1
Disabled
Table 37. Time out reset latch counter values
Dec
Bin
Time Out Reset Latch Counter [2N+1]
0
00
2
1
01
4
2
10
8
3
11
16
9.5
SPI channel exception field
MISO frame has 2 bits (IERR) reserved for solenoid channel exceptions. MISO[29] is the OR of all the exceptions
related to Channel 0 and Channel 1, while MISO[30] is the OR of all the exceptions related to Channel 2 and
Channel 3.
MISO[29] = (Ch0.Exception1&0xF87F) | (Ch1.Exception1&0xF87F) | Ch0.Exception2 | Ch1.Exception2
MISO[30] = (Ch2.Exception1&0xF87F) | (Ch3.Exception1&0xF87F) | Ch2.Exception2 | Ch3.Exception2
In this way, it is always possible to detect a failure happening on solenoid channel during every SPI
communication. Details and clearing of the channel exception can be retrieved by reading the dedicated SPI
registers.
L9305
SPI
DS12774 - Rev 10
page 50/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com