Electronic Components Datasheet Search
  English  ▼

X  

L9758 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 3Page - STMicroelectronics L9758 Datasheet HTML 4Page - STMicroelectronics L9758 Datasheet HTML 5Page - STMicroelectronics L9758 Datasheet HTML 6Page - STMicroelectronics L9758 Datasheet HTML 7Page - STMicroelectronics L9758 Datasheet HTML 8Page - STMicroelectronics L9758 Datasheet HTML 9Page - STMicroelectronics L9758 Datasheet HTML 10Page - STMicroelectronics L9758 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DocID14273 Rev 5
7/30
L9758
Pins configuration
29
16
REF_SEL
Tracking A voltage reference selection
17
VS_DIS
Sensor supply disable
18
REXT
External current reference resistance
19
RST_TIM
Reset timer adjustment
20
RSTL
VDDL regulator reset output
21
RST5
VDD5 regulator reset output
22
STBY_OK
Standby regulator monitor
23
VSTBY
Standby regulator output
24
VKAM
Standby memory regulator output
25
VPROG2
Standby regulator voltage selection (VSTBY)
26
VPROG1
Standby memory regulator voltage selection (VKAM)
27
CORE_DIS
VDDL and VCORE disable
28
VPROG3
VDDL voltage selection
29
VCORE_DRV
VCORE external pass transistor predriver output
30
VCORE_FDBK
VCORE feedback
31
VDDL_FDBK
VDDL feedback
32
VDDL_DRV
VDDL external pass transistor predriver output
33
VDD5
VDD5 linear regulator output
34
VB
Switching preregulator output
35
FDBK
Switching voltage feedback
36
SW
Buck regulator switch output
Table 3. Control pins description
Pin name
Logic
level
Description
Type of
I/O
IGN
Low
Enter in Stand-by Mode if also PSU_EN is low
Pull
down
High
Enter in Run Mode
IGN_ON
Low
IGN is high
Open
drain
High
IGN is low
PSU_EN
Low
Enter in Stand-by Mode if also IGN is low
Pull
down
High
Enter in Run Mode
VS_DIS
Low
Enable VSB, VSC, VSD tracking regulators
Pull
down
High
Disable VSB, VSC, VSD tracking regulators
Table 2. Pins description (continued)
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com