Electronic Components Datasheet Search
  English  ▼

X  

L9758 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 4Page - STMicroelectronics L9758 Datasheet HTML 5Page - STMicroelectronics L9758 Datasheet HTML 6Page - STMicroelectronics L9758 Datasheet HTML 7Page - STMicroelectronics L9758 Datasheet HTML 8Page - STMicroelectronics L9758 Datasheet HTML 9Page - STMicroelectronics L9758 Datasheet HTML 10Page - STMicroelectronics L9758 Datasheet HTML 11Page - STMicroelectronics L9758 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Pins configuration
L9758
8/30
DocID14273 Rev 5
Ref_Sel
Low
Voltage reference for VSA tracking regulator is VDD5
Pull
down
High
Voltage reference for VSA tracking regulator is
VTRACK_REF
RSTL
Low
VDDL output regulator out of range (under voltage)
Open
collector
High
VDDL output regulator fully operational
RST5
Low
VDD5 output regulator out of range (under voltage)
Open
collector
High
VDD5 output regulator fully operational
VPROG1
Low
VKAM regulator output programmed to 1V
Pull up
High
VKAM regulator output programmed to 1.5V
VPROG2
Low
VSTBY regulator output programmed to 2.6V
Pull up
High
VSTBY regulator output programmed to 3.3V
VPROG3
Low
VDLL regulator output programmed to 2.6V
Pull up
High
VDLL regulator output programmed to 3.3V
CORE_DIS
Low
Enable VDLL and VCORE linear regulators
Pull
down
High
Disable VDLL and VCORE linear regulators
STBY_OK
Low
VSTBY output regulator out of range (under voltage)
Open
drain
High
VSTBY output regulator fully operational
Table 3. Control pins description (continued)
Pin name
Logic
level
Description
Type of
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com