Electronic Components Datasheet Search
  English  ▼

X  

TDA9897 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9897
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9897 Datasheet HTML 1Page - NXP Semiconductors TDA9897 Datasheet HTML 2Page - NXP Semiconductors TDA9897 Datasheet HTML 3Page - NXP Semiconductors TDA9897 Datasheet HTML 4Page - NXP Semiconductors TDA9897 Datasheet HTML 5Page - NXP Semiconductors TDA9897 Datasheet HTML 6Page - NXP Semiconductors TDA9897 Datasheet HTML 7Page - NXP Semiconductors TDA9897 Datasheet HTML 8Page - NXP Semiconductors TDA9897 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
TDA9897_TDA9898_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 January 2008
3 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
2.4 Dual mode
I Fully performed DTV processing and additional ATV video signal processing in
parallel, but with reduced performance, for very fast channel scan
I VIF AGC voltage monitor output or port function
I VIF AFC current monitor output or TAGC voltage output
2.5 FM radio mode
I Gain controlled wide-band Radio IF (RIF) amplifier; AC-coupled
I Buffered RIF amplifier wide-band output, gain controlled by internal RIF AGC
I Fully integrated BP filter for 2nd RIF at 4.5 MHz, 5.5 MHz, 6.0 MHz, 6.5 MHz or
10.7 MHz
I 2nd RIF output, gain controlled by internal RIF AGC or by internal FM carrier AGC for
DSP
I Alignment-free selective FM PLL demodulator with high linearity and low noise
I Precise fully digital AFC detector with 4-bit DAC; AFC bits read-out via I2C-bus
I Port function
I Radio AFC current or tuner, RIF or FM AGC voltage monitor output
3.
Applications
I Analog and digital TV front-end applications for TV sets, recording applications and
personal computer cards
4.
Quick reference data
Table 1.
Quick reference data
VP =5V; Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
supply voltage
[1] 4.5
5.0
5.5
V
IP
supply current
-
-
190
mA
Analog TV signal processing
Video part
Vi(IF)(RMS)
RMS IF input voltage
lower limit at
−1 dB video
output signal
-
60
100
µV
GVIF(cr)
control range VIF gain
60
66
-
dB
fVIF
VIF frequency
see Table 25
---MHz
∆fVIF(dah)
digital acquisition help VIF
frequency window
related to fVIF
all standards except M/N
-
±2.3
-
MHz
M/N standard
-
±1.8
-
MHz
Vo(video)(p-p)
peak-to-peak video output voltage
see Figure 10
positive or negative
modulation; normal mode
and sound carrier on
[2] 1.7
2.0
2.3
V
trap bypass mode and
sound carrier off
[3] -
1.1
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com