Electronic Components Datasheet Search
  English  ▼

X  

TDA9897 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9897
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9897 Datasheet HTML 9Page - NXP Semiconductors TDA9897 Datasheet HTML 10Page - NXP Semiconductors TDA9897 Datasheet HTML 11Page - NXP Semiconductors TDA9897 Datasheet HTML 12Page - NXP Semiconductors TDA9897 Datasheet HTML 13Page - NXP Semiconductors TDA9897 Datasheet HTML 14Page - NXP Semiconductors TDA9897 Datasheet HTML 15Page - NXP Semiconductors TDA9897 Datasheet HTML 16Page - NXP Semiconductors TDA9897 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
TDA9897_TDA9898_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 January 2008
13 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
7.2 Pin description
(1) Not connected for TDA9897HN.
Fig 6.
Pin configuration for HVQFN48
008aaa041
TDA9897HN
TDA9898HN
ADRSEL
TOP2
MPP1
OUT1A
IF2B
OUT1B
IF2A
CAF1
CTAGC
OUT2A
IF1B
OUT2B
IF1A
AUD
CIFAGC(1)
BVS
IF3B
CVBS
IF3A
CAF2
n.c.
n.c.
LFSYN2
AGCDIN
12
25
11
26
10
27
9
28
8
29
7
30
6
31
5
32
4
33
3
34
2
35
1
36
terminal 1
index area
Transparent top view
Table 3.
Pin description
Symbol
Pin
Description
LFSYN2
1
loop filter synthesizer 2 (conversion synthesizer)
n.c.
2
not connected
IF3A
3
IF symmetrical input 3 for sound
IF3B
4
CIFAGC
5
TDA9898: IF AGC capacitor; L standard
TDA9897: not connected
IF1A
6
IF symmetrical input 1 for vision or digital
IF1B
7
CTAGC
8
TAGC capacitor
IF2A
9
IF symmetrical input 2 for vision or digital
IF2B
10
TOP2
11
TOP potentiometer for positive modulated standards and RSSI reference
MPP1
12
multipurpose pin 1: VIF AGC monitor output or port function
LFVIF
13
loop filter VIF PLL
i.c.
14
internally connected; connect to ground
EXTFILO
15
output to external filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com